Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM7490A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM7490A
Description  Decade and Binary Counters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM7490A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM7490A Datasheet HTML 1Page - Fairchild Semiconductor DM7490A Datasheet HTML 2Page - Fairchild Semiconductor DM7490A Datasheet HTML 3Page - Fairchild Semiconductor DM7490A Datasheet HTML 4Page - Fairchild Semiconductor DM7490A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006533
www.fairchildsemi.com
August 1986
Revised March 2000
DM7490A
Decade and Binary Counters
General Description
The DM7490A monolithic counter contains four master-
slave flip-flops and additional gating to provide a divide-by-
two counter and a three-stage binary counter for which the
count cycle length is divide-by-five.
The counter has a gated zero reset and also has gated set-
to-nine inputs for use in BCD nine’s complement applica-
tions.
To use the maximum count length (decade or four-bit
binary), the B input is connected to the QA output. The
input count pulses are applied to input A and the outputs
are as described in the appropriate Function Table. A sym-
metrical divide-by-ten count can be obtained from the
counters by connecting the QD output to the A input and
applying the input count to the B input which gives a divide-
by-ten square wave at output QA.
Features
s Typical power dissipation
145 mW
s Count frequency 42 MHz
Ordering Code:
Connection Diagram
Order Number
Package Number
Package Description
DM7490AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM7490A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM7490A NSC-DM7490A Datasheet
175Kb / 7P
   Decade, and Binary Counters
DM7490AN NSC-DM7490AN Datasheet
133Kb / 10P
   Decade and Binary Counters
More results

Similar Description - DM7490A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
   Decade and Binary Counters
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
   Decade and Binary Counters
logo
Fairchild Semiconductor
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
   Decade and Binary Counters
logo
Texas Instruments
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
[Old version datasheet]   DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com