Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR2001A Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR2001A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR2001A Datasheet(HTML) 5 Page - Leshan Radio Company

  LR2001A Datasheet HTML 1Page - Leshan Radio Company LR2001A Datasheet HTML 2Page - Leshan Radio Company LR2001A Datasheet HTML 3Page - Leshan Radio Company LR2001A Datasheet HTML 4Page - Leshan Radio Company LR2001A Datasheet HTML 5Page - Leshan Radio Company LR2001A Datasheet HTML 6Page - Leshan Radio Company LR2001A Datasheet HTML 7Page - Leshan Radio Company LR2001A Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
0.5
1.0
2.0
1.5
COLLECTOR-EMITTER SATURATION VOLTAGE
0
600
400
200
0
ALLOWABLE COLLECTOR CURRENT
AS A FUNCTION OF DUTY CYCLE
(Dual In-line-Packaged Devices, Suffix ‘A’)
200
400
600
INPUT CURRENT IN
µA
0
600
400
200
0
M
AX
. R
EQ
'D
IN
PU
T C
UR
RE
NT
COLLECTOR CURRENT AS A
FUNCTION OF INPUT CURRENT
SATURATION VOLTAGE
AS A FUNCTION OF COLLECTOR CURRENT
20
40
100
80
DUTY CYCLE IN PER CENT
0
600
400
200
0
60
7
2
3
4
5
6
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
1
TA = +70
°C
RθJA = 60
°C/W
20
40
100
80
DUTY CYCLE IN PER CENT
0
600
400
200
0
60
NUMBER OF OUTPUTS
CONDUCTING
SIMULTANEOUSLY
TA = +70
°C
RθJA = 90
°C/W
7
6
5
4
3
2
(Small-Outline-Packaged Devices, Suffix ‘L’)
LESHAN RADIO COMPANY, LTD.
INPUT CURRENT
AS A FUNCTION OF INPUT VOLTAGE
3.0
5.0
6.0
INPUT VOLTAGE
2.0
2.5
2.0
1.0
0
M
AX
IM
UM
0.5
1.5
4.0
AREA OF NORMAL OPERATION
WITH STANDARD OR SCHOTTKY TTL
TY
PIC
AL
Ver 1.5 Aug 2009
5/8


Similar Part No. - LR2001A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
logo
Tripp Lite. All Rights ...
LR2000 TRIPPLITE-LR2000 Datasheet
546Kb / 3P
2000W 230V AVR Line Conditioner, Power Conditioner
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2002L LRC-LR2002L Datasheet
280Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Similar Description - LR2001A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Allegro MicroSystems
A2803 ALLEGRO-A2803 Datasheet
272Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com