Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4503BCN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4503BCN
Description  Hex Non-Inverting 3-STATE Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4503BCN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4503BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4503BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
+3V to +15V
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V,
4
4
30
µA
Current
VIN = VDD or VSS
VDD = 10V,
8
8
60
µA
VIN = VDD or VSS
VDD = 15V,
16
16
120
µA
VIN = VDD or VSS
VOL
LOW Level
VIN = VDD or 0
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
VIN = V DD or 0
Output Voltage
VDD = 5V
4.95
4.95
4.95
V
VDD = 10V
9.95
9.95
9.95
V
VDD = 15V
14.95
14.95
14.95
V
VIL
LOW Level
VDD = 5V,
1.5
2.25
1.5
1.5
V
Input Voltage
VO = 4.5V or 0.5V
VDD = 10V,
3.0
4.50
3.0
3.0
V
VO = 9.0V or 1.0V
VDD = 15V,
4.0
6.75
4.0
4.0
V
VO = 13.5V or 1.5V
VIH
HIGH Level
VDD = 5V,
3.5
3.5
2.75
3.5
V
Input Voltage
VO = 0.5V or 4.5V
VDD = 10V,
7.0
7.0
5.5
7.0
V
VO = 1.0V or 9.0V
VDD = 15V,
11.0
11.0
8.25
11.0
V
VO = 1.5V or 13.5V
IOL
LOW Level Output
VDD = 4.5V, VOL = 0.4V
2.30
1.95
2.65
1.60
mA
Current
VDD = 5.0V, VOL = 0.4V
2.5
2.10
2.75
1.75
mA
VDD = 10V, V OL = 0.5V
6.5
5.45
7.0
4.45
mA
VDD = 15V, VOL = 1.5V
16.50
13.80
25.00
11.30
mA
IOH
HIGH Level Output
VDD = 5V, VOH = 4.6V
−1.04
−0.88 −1.76
−0.7
mA
Current
VDD = 10V, VOH = 9.5V
−2.60
−2.2
−4.50
−1.8
mA
VDD = 15V, VOH = 13.5V
−7.2
−6.0
−17.6
−4.8
mA
ITL
3-STATE Leakage Current
VDD = 15V
±0.3
±10−4
±0.3
±1.0
µA
IIN
Input Current
VDD = 15V
±0.3
±10−5 ±0.3
±1.0
µA


Similar Part No. - CD4503BCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4503BC NSC-CD4503BC Datasheet
128Kb / 6P
   Hex Non-Inverting TRI-STATE Buffer
More results

Similar Description - CD4503BCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com