Electronic Components Datasheet Search |
|
P7805-Q12-S2-2 Datasheet(PDF) 5 Page - CUI INC |
|
|
P7805-Q12-S2-2 Datasheet(HTML) 5 Page - CUI INC |
5 / 6 page cui.com CUI Inc │ SERIES: P7805-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR date 03/20/2013 │ page 5 of 6 1 3 2 +Vin GND -Vout C2 GND 1 2 3 +Vout C1 C3 C4 LDM Part Number C1, C3 (ceramic capacitor) C2, C4 (ceramic capacitor) P7805-Q24-S1R5-S 10μF/50V 10μF/6.3V P7805-Q24-S1R8-S 10μF/50V 10μF/6.3V P7805-Q24-S2-S 10μF/50V 10μF/6.3V P7805-Q24-S3-S 10μF/50V 10μF/6.3V P7805-Q24-S5-S 10μF/50V 10μF/10V P7805-Q24-S6-S 10μF/50V 10μF/16V P7805-Q24-S9-S 10μF/50V 10μF/16V P7805-Q24-S12-S 10μF/50V 10μF/25V P7805-Q24-S15-S 10μF/50V 10μF/25V External Capacitor Table TYPICAL APPLICATION CIRCUIT Positive Output Application Circuit Negative Output Application Circuit Positive and Negative Output Paralleling Application Circuit +Vin GND GND 1 2 3 +Vout C1 C2 +Vin GND GND 1 2 3 -Vout C1 C2 Note: 1. When the products used as negative output and the input-voltage under (Vin-min+2V), C1 and C2 must be added in the circuit, and they should be placed as near as the products' footprints. Others apply to the application-environment. 2. The capacitance of C1, C2, see external circuit table, can be increased if required, and tantalum or low ESR electrolytic capacitors may also suffice. 3. When the products used as the circuit like figure 4, an inductor named as LDM up to 10μH is recommended in the circuit to reduce the mutual interference. 4. For models ≤ 3.3 V OUT, if the input voltage of the model's negative output is less than 4.85 V, a dummy load of not less than 5 mA needs to be added to the output. 5. Cannot use in parallel for output and hot swap for input. Note: 1. Max. capacitive load tested at input voltage range and full load. 2. All specifications measured at: Ta=25°C, humidity<75%, nominal input voltage and rated output load, unless otherwise specified. Figure 2 Figure 4 Figure 3 |
Similar Part No. - P7805-Q12-S2-2 |
|
Similar Description - P7805-Q12-S2-2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |