Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-Q12-S1R8-S Datasheet(PDF) 1 Page - CUI INC

Part # P7805-Q12-S1R8-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-Q12-S1R8-S Datasheet(HTML) 1 Page - CUI INC

  P7805-Q12-S1R8-S Datasheet HTML 1Page - CUI INC P7805-Q12-S1R8-S Datasheet HTML 2Page - CUI INC P7805-Q12-S1R8-S Datasheet HTML 3Page - CUI INC P7805-Q12-S1R8-S Datasheet HTML 4Page - CUI INC P7805-Q12-S1R8-S Datasheet HTML 5Page - CUI INC P7805-Q12-S1R8-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/20/2013
page 1 of 6
SERIES: P7805-S
│ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 03/20/2013
page 1 of 6
FEATURES
• up to 500 mA current output
• operating temperature range (-40~85°C)
• pin comparable to LM78 linear regulators
• wider input range
• suited for negative output applications
• low ripple and noise
• efficiency up to 96%
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
P7805-Q12-S1R5-S
12
12
4.75~28
4.75~25
1.5
-1.5
500
-400
0.75
0.6
30
35
77
66
P7805-Q12-S1R8-S
12
12
4.75~28
4.75~25
1.8
-1.8
500
-400
0.90
0.72
30
35
81
70
P7805-Q12-S2-2
12
12
4.75~28
4.75~25
2.5
-2.5
500
-400
1.25
1.0
30
35
87
73
P7805-Q24-S3-S
24
12
4.75~28
4.75~25
3.3
-3.3
500
-400
1.65
1.32
30
35
91
78
P7805-Q24-S5-S
24
12
6.5~32
6.5~27
5.0
-5.0
500
-400
2.5
2
30
35
94
83
P7805-Q24-S6-S
24
12
8~32
6.5~25
6.5
-6.5
500
-300
3.25
1.95
30
35
94
84
P7805-Q24-S9-S
24
12
11~32
7.0~23
9.0
-9.0
500
-200
4.5
1.8
30
35
95
86
P7805-Q24-S12-S
24
12
15~32
7.0~20
12
-12
500
-200
6.0
2.4
30
35
95
87
P7805-Q24-S15-S
24
12
18~32
7~17
15
-15
500
-200
7.5
3.0
30
35
96
87
Notes:
1. ripple and noise are measured at 20 MHz BW
P7805 - QXX - SXX - S
Input Voltage
Base Number
Output Voltage
Packaging Style
SIP


Similar Part No. - P7805-Q12-S1R8-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-Q12-S1R8-S CUI-P7805-Q12-S1R8-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-Q12-S1R8-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com