Electronic Components Datasheet Search |
|
P7805-Q12-S1R8-S Datasheet(PDF) 3 Page - CUI INC |
|
|
P7805-Q12-S1R8-S Datasheet(HTML) 3 Page - CUI INC |
3 / 6 page cui.com CUI Inc │ SERIES: P7805-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR date 03/20/2013 │ page 3 of 6 Front View Bottom View Top View PCB Layout Grid Size: 2.54mm x 2.54mm MECHANICAL parameter conditions/description min typ max units dimensions 11.60 x 7.50 x 10.20 (0.457 x 0.295 x 0.402 inch) mm case material plastic (UL94-V0) weight 2.0 g MECHANICAL DRAWING PIN CONNECTIONS Pin Positive Output Negative Output 1 +Vin +Vin 2 GND -Vout 3 +Vout GND units: mm [inches] tolerance: ±0.25 [±0.010] pin section tolerance: ±0.10 mm [±0.004] 10 Sec. Max. Wave Soldering Time 4 Sec. Max. Peak Temp. 260°C Max. Time (sec.) 250 200 150 100 50 0 SOLDERABILITY parameter conditions/description min typ max units hand soldering 1.5mm from case for 10 seconds 300 °C wave soldering see wave soldering profile 260 °C ENVIRONMENTAL parameter conditions/description min typ max units operating temperature see derating curve -40 85 °C storage temperature -55 125 °C case temperature operating temperature curve range 100 °C storage humidity non-condensing 95 % |
Similar Part No. - P7805-Q12-S1R8-S |
|
Similar Description - P7805-Q12-S1R8-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |