Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-Q12-S1R5-S Datasheet(PDF) 5 Page - CUI INC

Part # P7805-Q12-S1R5-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-Q12-S1R5-S Datasheet(HTML) 5 Page - CUI INC

  P7805-Q12-S1R5-S Datasheet HTML 1Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 2Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 3Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 4Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 5Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
CUI Inc
│ SERIES: P7805-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 03/20/2013
│ page 5 of 6
1
3
2
+Vin
GND
-Vout
C2
GND
1
2
3
+Vout
C1
C3
C4
LDM
Part Number
C1, C3
(ceramic capacitor)
C2, C4
(ceramic capacitor)
P7805-Q24-S1R5-S
10μF/50V
10μF/6.3V
P7805-Q24-S1R8-S
10μF/50V
10μF/6.3V
P7805-Q24-S2-S
10μF/50V
10μF/6.3V
P7805-Q24-S3-S
10μF/50V
10μF/6.3V
P7805-Q24-S5-S
10μF/50V
10μF/10V
P7805-Q24-S6-S
10μF/50V
10μF/16V
P7805-Q24-S9-S
10μF/50V
10μF/16V
P7805-Q24-S12-S
10μF/50V
10μF/25V
P7805-Q24-S15-S
10μF/50V
10μF/25V
External Capacitor Table
TYPICAL APPLICATION CIRCUIT
Positive Output Application Circuit
Negative Output Application Circuit
Positive and Negative Output Paralleling Application Circuit
+Vin
GND
GND
1
2
3
+Vout
C1
C2
+Vin
GND
GND
1
2
3
-Vout
C1
C2
Note:
1. When the products used as negative output and the input-voltage under (Vin-min+2V), C1 and C2 must be added in the circuit, and they should be placed as near as the
products' footprints. Others apply to the application-environment.
2. The capacitance of C1, C2, see external circuit table, can be increased if required, and tantalum or low ESR electrolytic capacitors may also suffice.
3. When the products used as the circuit like figure 4, an inductor named as LDM up to 10μH is recommended in the circuit to reduce the mutual interference.
4. For models ≤ 3.3 V
OUT, if the input voltage of the model's negative output is less than 4.85 V, a dummy load of not less than 5 mA needs to be added to the output.
5. Cannot use in parallel for output and hot swap for input.
Note:
1. Max. capacitive load tested at input voltage range and full load.
2. All specifications measured at: Ta=25°C, humidity<75%, nominal input voltage and rated output load, unless otherwise specified.
Figure 2
Figure 4
Figure 3


Similar Part No. - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com