Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-Q12-S1R5-S Datasheet(PDF) 4 Page - CUI INC

Part # P7805-Q12-S1R5-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-Q12-S1R5-S Datasheet(HTML) 4 Page - CUI INC

  P7805-Q12-S1R5-S Datasheet HTML 1Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 2Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 3Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 4Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 5Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: P7805-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 03/20/2013
│ page 4 of 6
FU
EUT
1
2
3
LDM2
C0
TVS
LDM1
MOV
SE
C3
Vin
GND
+
C2
Vout
GND
C1
(a)
(b)
DERATING CURVES
100
80
60
40
20
Operating Temperature (°C)
-40-20
0204060
85
100
Safe operating area
71
Recommended external circuit
components
FUSE
choose according to
practical input current
MOV
10D560
LDM1
82μH
TVS
SMCJ36A
C0
120μF/50V
C3
4.7μF/50V
Temperature Derating Curve
Figure 1
TEST CONFIGURATION
Note: To reduce ripple, it is recommended to add a LC filter in output port. (L: Recommended parameter 10μH ~ 47 μH)
EMC RECCOMENDED CIRCUIT
Effeciency and Output Voltage Ripple Test
Start-up and Load Transient Response Test
Scope
Ceramic
3(2)
+Vin
GND
Vout
C2
C1
25.4mm
1
DC/DC
Converter
2(3)
25.4mm
12.7mm
1F 10 F
Tantalum
Copper strip
Copper strip
3(2)
+Vin
GND
Vout
C2
C1
50.8 mm
1
DC/DC
Converter
2
Scope
Copper strip
Copper strip
(3)
OUTPUT RIPPLE REDUCTION
3(2)
+Vin
GND
Vout
1
DC/DC
Converter
C1
22 F
2(3)
C2
L


Similar Part No. - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com