Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-Q12-S1R5-S Datasheet(PDF) 2 Page - CUI INC

Part # P7805-Q12-S1R5-S
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

P7805-Q12-S1R5-S Datasheet(HTML) 2 Page - CUI INC

  P7805-Q12-S1R5-S Datasheet HTML 1Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 2Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 3Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 4Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 5Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: P7805-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date 03/20/2013
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
-1.5, -1.8, -2.5, -3.3 V output
1.5, 1.8, 2.5, V output
3.3 V output
-5.0 V output
5.0 V output
-6.5 V output
6.5 V output
-9.0 V output
9.0 V output
-12 V output
12 V output
-15 V output
15 V output
4.75
4.75
4.75
6.5
6.5
6.5
8
7
11
7
15
7
18
12
12
24
12
24
12
24
12
24
12
24
12
24
25
28
28
27
32
25
32
23
32
20
32
17
32
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
no-load input power
input voltage range
0.12
0.256
W
reverse polarity input
forbidden
filter
capacitance filter (1 μF)
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
input voltage range
±0.2
±0.4
%
load regulation
from 10% to 100% load
±0.4
±0.6
%
voltage accuracy
100% load, input voltage range
±2
±3
%
switching frequency
100% load, input voltage range
280
330
450
kHz
temperature coefficient
-40°C ~ 85°C
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
short circuit input power
input voltage range
0.5
1.8
W
over temperature protection
internal IC junction
150
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
conducted emissions
CISPR22/EN55022 class B (external circuit required, see figure 1-b)
radiated emissions
CISPR22/EN55022 class B (external circuit required, see figure 1-b)
ESD
IEC/EN 61000-4-2 class B, contact ± 4kV
radiated immunity
IEC/EN 61000-4-3 class A, 10V/m
EFT/burst
IEC/EN 61000-4-4 class B, ± 2kV (external circuit required, see figure 1-a)
surge
IEC/EN 61000-4-5 class B, ± 2kV (external circuit required, see figure 1-a)
conducted immunity
IEC/EN 61000-4-6 class A, 3 Vr.ms
voltage dips & interruptions
IEC/EN 61000-4-29 class B, 0%-70%
MTBF
MIL-HDBK-217F@25°C
2,000,000
hours
RoHS compliant
yes


Similar Part No. - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results

Similar Description - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com