Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURF1560G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURF1560G
Description  ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURF1560G Datasheet(HTML) 1 Page - ON Semiconductor

  MURF1560G Datasheet HTML 1Page - ON Semiconductor MURF1560G Datasheet HTML 2Page - ON Semiconductor MURF1560G Datasheet HTML 3Page - ON Semiconductor MURF1560G Datasheet HTML 4Page - ON Semiconductor MURF1560G Datasheet HTML 5Page - ON Semiconductor MURF1560G Datasheet HTML 6Page - ON Semiconductor MURF1560G Datasheet HTML 7Page - ON Semiconductor MURF1560G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 8
1
Publication Order Number:
MUR1520/D
MUR1510G, MUR1515G,
MUR1520G, MUR1540G,
MUR1560G, MURF1560G,
SUR81520G, SUR81560G
Preferred Devices
SWITCHMODE
Power Rectifiers
These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 35 and 60 Nanosecond Recovery Time
175C Operating Junction Temperature
High Voltage Capability to 600 V
ESD Ratings:
Machine Model = C
Human Body Model = 3B
Low Forward Drop
Low Leakage Specified @ 150C Case Temperature
Current Derating Specified @ Both Case and Ambient Temperatures
AEC−Q101 Qualified and PPAP Capable
SUR8 Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
All Packages are Pb−Free*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260C Max. for
10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
ULTRAFAST RECTIFIERS
15 AMPERES, 100−600 VOLTS
1
3
4
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
Y
= Year
WW
= Work Week
G= Pb−Free Package
U15xx = Device Code
xx = 10, 15, 20, 40 or 60
KA
= Diode Polarity
TO−220AC
CASE 221B
STYLE 1
3
4
1
MARKING DIAGRAMS
AY WWG
U15xx
KA
TO−220 FULLPAK
CASE 221E
STYLE 1
3
4
1
AYWWG
MURF1560
KA


Similar Part No. - MURF1560G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1560G THINKISEMI-MURF1560G Datasheet
507Kb / 2P
   15.0 Ampere Glass Passivated Chip Ultrafast Recovery Rectifier Diode
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
More results

Similar Description - MURF1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com