Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-023 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6-023
Description  SpectraDIL - 023 style SDS, SDC, SDD ranges
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6-023 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6-023 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SpectraDIL - 023 style
SDS, SDC, SDD ranges
This is UK industry’s standard range of dual
in line programme switches which feature:
1 to 16 selectable s.p.s.t.
1 to 8 selectable d.p.s.t or s.p.d.t. (PCB
linked).
Large numerals and EIA colour coded
sliders which are recessed to prevent
unintentional changes to the settings.
Base and tape sealed for flow soldering
and solvent/aqueous washing.
1µm hard gold plated wiping contact gives
high reliability in low level circuits.
Number of
Part Nos
Length
s.p.s.t
SDS-plus
mm
suffix
max
1
1-023
4.0
2
2-023
6.7
3
3-023
9.0
4
4-023
11.8
6
6-023
16.8
8
8-023
21.9
10
10-023
27.0
12
12-023
32.1
16
16-023
42.2
SpectraDIL ON/OFF s.p.s.t
SDS 023 series
Number of
Part Nos
Length
s.p.d.t
SDC-plus
mm
suffix
max
1
1-023
6.7
2
2-023
11.8
3
3-023
16.8
4
4-023
21.9
5
5-023
27.0
6
6-023
32.1
8
8-023
42.2
SpectraDIL CHANGEOVER s.p.d.t.
SDC 023 series
Number of
Part Nos
Length
d.p.s.t
SDD-plus
mm
suffix
max
1
1-023
6.7
2
2-023
11.8
3
3-023
16.8
4
4-023
21.9
5
5-023
27.0
6
6-023
32.1
8
8-023
42.2
SpectraDIL GANGED ON/OFF d.p.s.t
SDD 023 series
This leaflet is believed to contain the best information available at the time of printing, but is subject to change without notice. Performance figures, where quoted, are actually estimates based on
our experience or that of our customers or statutory authorities. In common with all components reliability varies with many factors, and users are invited to contact us in appropriate cases so that
where relevant information is available it may be considered by the user. All supplies are subject to the Company’s standard conditions of sale which are available on request.
Engelking Elektronik GmbH Albstrasse 16
D-78609 Tuningen
Tel: +49 (0) 7464 9865 0 Fax: +49 (0) 7464 9865 71
sales@itw-switches.de www.itw-switches.de


Similar Part No. - 6-023

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
6-002-152FBP ARIES-6-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
6-002-171PTLHT ARIES-6-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
6-002-172PTLHT ARIES-6-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
6-002-173PTLHT ARIES-6-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
6-002.125-152FBP ARIES-6-002.125-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Similar Description - 6-023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS-2-023 ETC2-SDS-2-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SDS-8-014 ETC2-SDS-8-014 Datasheet
82Kb / 1P
   SpectraDIL - 014 style SDS, SDC, SDD ranges
SCS-8-023 ETC2-SCS-8-023 Datasheet
112Kb / 1P
   Spectra C - 023 style the PCB space saver
logo
Texas Instruments
TPS75005EVM-023 TI1-TPS75005EVM-023 Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
logo
Apacer Technology Inc.
SDC-SL APACER-SDC-SL Datasheet
942Kb / 4P
   Apacer Micro SDC (Micro SATA Disk Chip, 關SDC)
logo
Innovative Power Produc...
IPP-8013 IPP-IPP-8013 Datasheet
104Kb / 1P
   OUTLINE, SMD COUPLER SDC
logo
NXP Semiconductors
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Innovative Power Produc...
IPP-8015 IPP-IPP-8015 Datasheet
102Kb / 1P
   OUTLINE, SMD COUPLER SDC
IPP-3008 IPP-IPP-3008 Datasheet
75Kb / 1P
   OUTLINE SDC,700-4200 MHz, 20dB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com