Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-24WD-35SA Datasheet(PDF) 33 Page - ITT Industries

Part # D38999-24WD-35SA
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-24WD-35SA Datasheet(HTML) 33 Page - ITT Industries

Back Button D38999-24WD-35SA Datasheet HTML 28Page - ITT Industries D38999-24WD-35SA Datasheet HTML 29Page - ITT Industries D38999-24WD-35SA Datasheet HTML 30Page - ITT Industries D38999-24WD-35SA Datasheet HTML 31Page - ITT Industries D38999-24WD-35SA Datasheet HTML 32Page - ITT Industries D38999-24WD-35SA Datasheet HTML 33Page - ITT Industries D38999-24WD-35SA Datasheet HTML 34Page - ITT Industries D38999-24WD-35SA Datasheet HTML 35Page - ITT Industries D38999-24WD-35SA Datasheet HTML 36Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
31
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
MIL-DTL-38999 Specifications
After preloading to 3 pounds maximum, the force shall be applied at a rate of approximately 1 pound per second and maintained at full load for 5-10 sec-
onds. No damage to contacts or insert shall result nor shall the contacts be dislocated from their normal position in the connector more than 0.012 inch
under the given load. Failure to meet these requirements shall be cause for rejection.
The following excerpts are some of the parameter requirements of the MIL-DTL-3899 Specification.
For qualification testing, mating halves shall be coupled and uncoupled, measuring the torques necessary.The torques required to couple and uncouple
mating connector halves shall fall within the limits specifications as follows:
Connector halves shall be mated and unmated 250 times for Series II with ground fingers and 500 times for Series I and III at a rate not exceeding 300 cycles
per hour. The test may be performed by hand or by mechanical means, but the coupling ring shall be operated as in normal service. Failure to complete this
test because of mechanical malfunction shall be cause for rejection.
An insulation resistance test shall be performed on unmated connectors in accordance with MIL-STD-202, Method 302, Test condition B. Measurement shall
be made between three pairs of adjacent contacts and the shell. Failure to meet the minimum requirement of 50,000 megohms for Classes E, P, F, R, and T
shall be cause for rejection.
Wired, mated connectors shall be subjected to the vibration test of MIL-STD-202, Method 214, Test Condition II, except that the duration shall be one hour
in each plane. Receptacles shall be mounted on the vibration fixture by normal means. All contacts shall be wired in a series circuit and 100-500 millamperes
of current shall be allowed to flow through the series circuit during vibration. Suitable means shall be employed to monitor the current flow and to indicate
any discontinuity of more than 1 microsecond. The wire bundle shall be damped to the nonvibrating points at least 8 inches from the rear of the connector.
Current discontinuity of 1 microsecond or more, disengagement of the mated connectors, evidence of cracking, breaking, or loosening of parts shall be
cause for rejection.
Wired mated connectors shall be subjected to one shock in each direction in each of three mutually perpendicular axes. The pulse shall be approximate half
sine wave of 300g ± 15% magnitude with a duration of 3 ± 1 milliseconds. Receptacles shall be mounted on a shock fixture by normal means. All contacts
shall be wired in a series circuit and 100-150 ma. of current shall flow through the series circuit during shock. Suitable means shall be employed to monitor
the current flow and to indicate any discontinuity of more than 1 microsecond. The wire bundle shall be clamped to fixed points at feast 8 inches from the
rear of the connector, Current discontinuity of 1 microsecond or more, disengagement of the mated connectors, evidence of cracking, breaking, or loosen-
ing of parts shall be cause for rejection.
Mated connectors shall be placed in a container of water at approximately 20ºC and placed in an altitude chamber. All wire ends shall be located within the
chamber and exposed to the chamber atmosphere, but not submerged. The exposed wire ends shall not be sealed. A quantity of salt, 5 percent by weight,
shall be added to make the water conductive. The chamber pressure shall then be reduced to approximately one inch of mercury and maintained for thirty
minutes. The chamber pressure shall then be slowly returned to atmospheric. This shall be considered one cycle. Two additional cycles shall be performed.
At the end of the last cycle, while the mated connectors are still submerged, the Insulation Resistance Test (room temperature), and the High Potential Test
(sea level voltages) shall be performed upon the same circuits. Failure to meet an insulation resistance minimum of 2,000 megohms or any evidence of dielec-
tric breakdown or -flashover shall be cause for rejection.
Unmated connectors shall be immersed fully in the applicable fluid specified below for 20 hours. After removal from the fluid, each connector shall
remain for one hour in free air at room temperature.
a.) Jet fuel JP-4 to MIL-J-5624
b.) Aircraft lubricating oil to MIL-L-9236
Unmated connectors and individual contact samples shall be subjected to the soft spray of MIL-STD-202, Method 101, Test Condition 8 (tin plated, Class Y
receptacles-24 hours). Immediately after exposure, the surfaces of the specimens shall be thoroughly washed in tap water and dried in a circulatory oven at
a temperature of 38 ±3ºC (100ºF) for a period of approximately 12 hours. Any exposure of basis metal as a result of this test, shall be cause for rejection.
(Series I and 11, finish B; Series III, class W). The wired assembled plugs and receptacles shall be mated and unmated 50 cycles at a rate of 300 cycles per
hour maximum. The mating and unmating shall be accomplished so that the plug and receptacle are completely separated during each cycle. The connec-
tors shall then be subjected to the salt spray test in accordance with method 1001 of MIL-STD- 1344. The connectors shall be tested for 452 hours mated
followed by 48 hours unmated. After the salt spray exposure the remaining number of durability cycles specified in 4.7.7 shall be completed.
Unmated receptacles shall be subjected to 10 cycles of thermal shock in the following manner:
The receptacle shall be suspended for 10 + 1 - 0 minutes in the center of a cold water both with a volume of approximately one cubic foot. No
dimension of the bath shall be less than 10 inches. The water temperature shall not exceed 4ºC (39.20ºF)
The receptacle shall be suspended for 10 1 - 0 minutes in the center of a hot water bath with a volume of approximately one cubic foot. No
dimension of the bath shall be less than 10 inches. The water temperature shall be not less than 94ºC (201ºF).
The time of transfer from one bath to the other shall not exceed 5 seconds. At the end of the tenth cycle, the receptacle shall have the excess moisture shak-
en off and shall then be dried in a forced air oven at 66±5˚C for 15 ±1 minutes. Any evidence of damage resulting from this test shall be cause for rejection.
Contact Retention
4 5 19
Test
Description
Paragraph
Reference
Requirements
Coupling Torque
4 5 6
Durability
4 5 7
Insulation Resistance
4 5 9
Vibration
4 5 22
Shock
4 5 23
Thermal Shock
4 5 4
Altitude Immersion
4 5 8
Solvent Immersion
4 5 29
Corrosion
4 5 12
Dynamic Salt Spray
4 5 12 2
Temperature Durability 4 5 33
Step a
Step b
Contact Size
22M*
22D
22*
20
18
Loads in Pounds ± 10%
10
10
10
15
25
Torque
Shell Size
Max.
Min.
8/9
82
10/11
12
2
12
16
2
13
16
2
Torque
Shell Size
Max.
Min.
14
20
4
15
20
3
16
24
4
17
24
3
Torque
Shell Size
Max.
Min.
18
28
5
19
28
3
20
32
6
21
32
5
Torque
Shell Size
Max.
Min.
22
36
7
23
36
5
24
36
7
25
40
5
Wired rated connectors shall be subjected to the indicated anbient temperature for a period of 1,000 hours
Series I and II (finish A)
150
(302º F)
Series I and II (finish B)
175
(347º F)
Series III (class W)
175
(347 º F)
All other finishes
200
(392º F)
+3 º
-0 ºC
+3 º
-0 ºC
+3 º
-0 ºC
+3 º
-0 ºC
* For reference only


Similar Part No. - D38999-24WD-35SA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-24WC98PN AMPHENOL-D38999-24WC98PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
logo
List of Unclassifed Man...
D38999-24WF35PN ETC2-D38999-24WF35PN Datasheet
2Mb / 17P
   KJA - Series III - Scoop proof, threaded coupling
logo
Amphenol Corporation
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
More results

Similar Description - D38999-24WD-35SA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com