Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-24WD-35SA Datasheet(PDF) 29 Page - ITT Industries

Part # D38999-24WD-35SA
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-24WD-35SA Datasheet(HTML) 29 Page - ITT Industries

Back Button D38999-24WD-35SA Datasheet HTML 25Page - ITT Industries D38999-24WD-35SA Datasheet HTML 26Page - ITT Industries D38999-24WD-35SA Datasheet HTML 27Page - ITT Industries D38999-24WD-35SA Datasheet HTML 28Page - ITT Industries D38999-24WD-35SA Datasheet HTML 29Page - ITT Industries D38999-24WD-35SA Datasheet HTML 30Page - ITT Industries D38999-24WD-35SA Datasheet HTML 31Page - ITT Industries D38999-24WD-35SA Datasheet HTML 32Page - ITT Industries D38999-24WD-35SA Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
27
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Military Part Number
Cannon Part Number
Cannon
Military
Cannon
Military
9
M85049/ 38-9 **
970-6000-***
-336
N
-345
W
11
M85049/ 38-11 **
970-6000-***
-337
N
-346
W
13
M85049/ 38-13 **
970-6000-***
-338
N
-347
W
15
M85049/ 38-15 **
970-6000-***
-339
N
-348
W
17
M85049/ 38-17 **
970-6000-***
-340
N
-349
W
19
M85049/ 38-19 **
970-6000-***
-341
N
-350
W
21
M85049/ 38-21**
970-6000-***
-342
N
-351
W
23
M85049/ 38-23 **
970-6000-***
-343
N
-352
W
25
M85049/ 38-25 **
970-6000-***
-344
N
-353
W
M85049/
38
9W
Military Designator
Type
Straight Cable Clamp
38
Shell Size Series III
9,11,13,15,17,19,21,23,25
Finish
Electroless Nickel
N
OD Cadmium
over electroless nickel
W
** Finish
*** Cannon Part No.
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
Shell Size
Series III


Similar Part No. - D38999-24WD-35SA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-24WC98PN AMPHENOL-D38999-24WC98PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
logo
List of Unclassifed Man...
D38999-24WF35PN ETC2-D38999-24WF35PN Datasheet
2Mb / 17P
   KJA - Series III - Scoop proof, threaded coupling
logo
Amphenol Corporation
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
More results

Similar Description - D38999-24WD-35SA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
   Adapter for MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com