Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Regulatory Information
The HCPL-7840 has been approved by the following organizations:
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01.
UL
Approval under UL 1577, com-
ponent recognition program up to
V
ISO
= 3750 Vrms.
CSA
Approved under CSA Component Ac-
ceptance Notice #5, File CA 88324.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤300 Vrms
I-IV
for rated mains voltage ≤600 Vrms
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
891
V
PEAK
Input to Output Test Voltage, Method b**
V
IORM
x 1.875 = V
PR,
100% Production Test with
V
PR
1670
V
PEAK
t
m
= 1 sec, Partial discharge < 5 pC
Input to Output Test Voltage, Method a**
V
IORM
x 1.5 = V
PR,
Type and Sample Test,
V
PR
1336
V
PEAK
t
m
= 60 sec, Partial discharge < 5 pC
Highest Allowable Overvoltage
V
IOTM
8000
V
PEAK
(Transient Overvoltage t
ini
= 10 sec)
Safety-limiting values—maximum values
allowed in the event of a failure.
Case Temperature
T
S
175
°C
Input Current***
I
S,INPUT
400
mA
Output Power***
P
S,OUTPUT
600
mW
Insulation Resistance at T
S
, V
IO
= 500 V
R
S
>109
Ω
*Insulation characteristics are guaranteed only within the safety maximum ratings which must
be ensured by protective circuits within the application. Surface Mount Classification is Class A
in accordance with CECC00802.
**Refer to the optocoupler section of the Isolation and Control Components Designer’s Cata-
log, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a detailed descrip-
tion of Method a and Method b partial discharge test profiles.
***Refer to the following figure for dependence of PS and IS on ambient temperature.
0
0
TA - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
PS (mW)
IS (mA)


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com