Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 19 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 19 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes AV01-0569EN
AV02-1289EN - July 9, 2012
3. ISOLATION AND INSULATION
3.1: How many volts will the HCPL-7840 withstand?
The momentary (1 minute) withstand voltage is 3750 V rms per UL 1577 and CSA Component Acceptance
Notice #5.
4. ACCURACY
4.1: Can the signal to noise ratio be improved?
Yes. Some noise energy exists beyond the 100 kHz bandwidth of the HCPL-7800(A). Additional filtering using dif-
ferent filter R,C values in the post-amplifier application circuit can be used to improve the signal to noise ratio. For
example, by using values of R3 = R4 = 10 kΩ, C5 = C6 = 470 pF in the application circuit the rms output noise will
be cut roughly by a factor of 2. In applications needing only a few kHz bandwidth even better noise performance
can be obtained. The noise spectral density is roughly 500 nV/√ Hz below 20 kHz (input referred).
4.2: I need 1% tolerance on gain. Does Avago sell a more precise version?
The HCPL-7800A is gain-trimmed and matched to within ±1% tolerance (at room temperature.)
4.3: Does the gain change if the internal LED light output degrades with time?
No. The LED is used only to transmit a digital pattern. Avago has accounted for LED degradation in the design
of the product to ensure long life.
5. POWER SUPPLIES AND START-UP
5.1: What are the output voltages before the input side power supply is turned on?
V
O+
is close to 1.29 V and V
O-
is close to 3.80 V. This is equivalent to the output response at the condition that LED
is completely off.
5.2: How long does the HCPL-7840 take to begin working properly after power-up?
Within 1 ms after V
DD1
and V
DD2
powered the device starts to work. But it takes longer time for output to settle down
completely. In case of the offset measurement while both inputs are tied to ground there is initially V
OS
adjustment
(about 60 ms). The output completely settles down in 100 ms after device powering up.
6. MISCELLANEOUS
6.1: How does the HCPL-7840 measure negative signals with only a +5 V supply?
The inputs have a series resistor for protection against large negative inputs. Normal signals are no more than 200
mV in amplitude. Such signals do not forward bias any junctions sufficiently to interfere with accurate operation
of the switched capacitor input circuit.


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com