Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
FREQUENTLY ASKED QUESTIONS ABOUT THE HCPL-7840
1. THE BASICS
1.1: Why should I use the HCPL-7840 for sensing current when Hall-effect sensors are available which don’t need an
isolated supply voltage?
Available in an auto-insertable, 8-pin DIP package, the HCPL-7840 is smaller than and has better linearity, offset vs.
temperature and Common Mode Rejection (CMR) performance than most Hall-effect sensors. Additionally, often
the required input-side power supply can be derived from the same supply that powers the gate-drive optocoupler.
2. SENSE RESISTOR AND INPUT FILTER
2.1: Where do I get 10 mΩ resistors? I have never seen one that low.
Although less common than values above 10 Ω, there are quite a few manufacturers of resistors suitable for
measuring currents up to 50 A when combined with the HCPL- 7840.
Example product information may be found at Dale’s web site (http://www.vishay.com/vishay/dale) and Isotek’s
web site (http://www.isotekcorp.com).
2.2: Should I connect both inputs across the sense resistor instead of grounding V
IN-
directly to pin 4?
This is not necessary, but it will work. If you do, be sure to use an RC filter on both pin 2 (V
IN+
) and pin 3 (V
IN-
) to
limit the input voltage at both pads.
2.3: Do I really need an RC filter on the input? What is it for? Are other values of R and C okay?
The input anti-aliasing filter (R=39 Ω, C=0.01 μF) shown in the typical application circuit is recommended for fil-
tering fast switching voltage transients from the input signal. (This helps to attenuate higher signal frequencies
which could otherwise alias with the input sampling rate and cause higher input offset voltage.)
Some issues to keep in mind using different filter resistors or capacitors are:
1. (Filter resistor:) Input bias current for pins 2 and 3: This is on the order of 500 nA. If you are using a single filter
resistor in series with pin 2 but not pin 3 the IxR drop across this resistor will add to the offset error of the device.
As long as this IR drop is small compared to the input offset voltage there should not be a problem. If larger-
valued resistors are used in series, it is better to put half of the resistance in series with pin 2 and half the resistance
in series with pin 3. In this case, the offset voltage is due mainly to resistor mismatch (typically less than 1% of
the resistance design value) multiplied by the input bias.
2. (Filter resistor:) The equivalent input resistance for -7840 is around 500 kΩ. It is therefore best to ensure
that the filter resistance is not a significant percentage of this value; otherwise the offset voltage will
be increased through the resistor divider effect. [As an example, if R
filt
= 5.5 kΩ, then V
OS
= (Vin * 1%) =
2 mV for a maximum 200 mV input and V
OS
will vary with respect with Vin.]
3. The input bandwidth is changed as a result of this different R-C filter configuration. In fact this is one of the main
reasons for changing the input-filter R-C time constant.
4. (Filter capacitance:) The input capacitance of the -78XX is approximately 1.5 pF. For proper operation the switch-
ing input-side sampling capacitors must be charged from a relatively fixed (low impedance) voltage source.
Therefore, if a filter capacitor is used it is best for this capacitor to be a few orders of magnitude greater than the
C
INPUT
(A value of at least 100 pF works well.)
2.4: How do I ensure that the HCPL-7840 is not destroyed as a result of short circuit conditions which cause voltage
drops across the sense resistor that exceed the ratings of the HCPL-7840’s inputs?
Select the sense resistor so that it will have less than 5 V drop when short circuits occur. The only other require-
ment is to shut down the drive before the sense resistor is damaged or its solder joints melt. This ensures that the
input of the HCPL-7840 can not be damaged by sense resistors going open-circuit.


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com