Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
Application Information
Power Supplies and Bypassing
The recommended supply con-nections are shown
in Figure 17. A floating power supply (which in many
applications could be the same supply that is used to
drive the high-side power transistor) is regulated to 5
V using a simple zener diode (D1); the value of resistor
R4 should be chosen to supply sufficient current from
the existing floating supply. The voltage from the current
sensing resistor (Rsense) is applied to the input of the
HCPL-7840 through an RC anti-aliasing filter (R2 and C2).
Although the application circuit is relatively simple, a few
recommendations should be followed to ensure optimal
performance.
The power supply for the HCPL -7840 is most often ob-
tained from the same supply used to power the power
transistor gate drive circuit. If a dedicated supply is re-
quired, in many cases it is possible to add an additional
winding on an existing transformer. Otherwise, some
sort of simple isolated supply can be used, such as a
line powered transformer or a high-frequency DC-DC
converter.
An inexpensive 78L05 three-terminal regulator can also
be used to reduce the floating supply voltage to 5 V. To
help attenuate high-frequency power supply noise or
ripple, a resistor or inductor can be used in series with
the input of the regulator to form a low-pass filter with
the regulator’s input bypass capacitor.
Figure 17. Recommended supply and sense resistor connections.
HCPL-7840
C1
0.1 µF
R2
39
Ω
GATE DRIVE
CIRCUIT
FLOATING
POWER
SUPPLY
• • •
HV+
• • •
HV–
• • •
+
RSENSE
MOTOR
C2
0.01 µF
D1
5.1 V
+
R1


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com