Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
VDD – SUPPLY VOLTAGE – V
8.028
8.032
4.75
5.0
8.024
4.5
5.5
5.25
8.03
8.026
vs. VDD1
vs. VDD2
TA – TEMPERATURE – °C
0.02
0.015
0.005
-25
0.03
35
95
0
0.025
-55
125
0.01
565
TA – TEMPERATURE – °C
3.1
-25
5.5
565
95
1.5
4.7
-55
125
3.9
2.3
35
Tpd 10
Tpd 50
Tpd 90
Tpd rise
VIN – INPUT VOLTAGE – V
2.6
1.8
-0.3
4.2
-0.1
0.1
0.3
VOP
VOR
1.0
3.4
-0.5
0.5
VDD – SUPPLY VOLTAGE – V
0.005
4.75
5.0
0.002
4.5
5.5
5.25
0.004
0.003
vs. VDD1
vs. VDD2
VIN – INPUT VOLTAGE – V
7
-0.3
13
-0.1
0.1
0.3
4
10
-0.5
0.5
IDD1
IDD2
VIN – INPUT VOLTAGE – V
-3
-0.4
0
-0.2
0.2
0.4
-5
-1
-0.6
0.6
-2
-4
0
FREQUENCY (Hz)
-2
1
-4
0
10
100000
-1
-3
1000
100
10000
FREQUENCY (Hz)
-100
50
-300
0
10
100000
-50
-150
1000
-200
-250
100
10000
Figure 12. Gain vs. frequency.
Figure 13. Phase vs. frequency.
Figure 14. Propagation delay vs. temperature.
Figure 6. Gain vs. supply.
Figure 7. Nonlinearity vs. temperature.
Figure 8. Nonlinearity vs. supply.
Figure 9. Output voltage vs. input voltage.
Figure 10. Supply current vs. input voltage.
Figure 11. Input current vs. input voltage.


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
Microwave Amplifi er
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
Microwave Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
RF Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com