Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7840-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description
The HCPL-7840 isolation amplifier family was designed
for current sensing in electronic motor drives. In a typical
implementation, motor currents flow through an external
resistor and the resulting analog voltage drop is sensed by
the HCPL-7840. A differential output voltage is created on
the other side of the HCPL-7840 optical isolation barrier.
This differential output voltage is proportional to the
motor current and can be converted to a single-ended
signal by using an op-amp as shown in the recommended
application circuit. Since common-mode voltage swings
of several hundred volts in tens of nanoseconds are
common in modern switching inverter motor drives, the
HCPL-7840 was designed to ignore very high common-
mode transient slew rates (of at least 10 kV/μs).
The high CMR capability of the HCPL-7840 isolation
amplifier provides the precision and stability needed to
accurately monitor motor current in high noise motor
control environ-ments, providing for smoother control
(less “torque ripple”) in various types of motor control
applications.
The product can also be used for general analog signal
isolation applications requiring high accuracy, stability,
and linearity under similarly severe noise con-ditions. For
general applications, we recommend the HCPL-7840 (gain
tolerance of ± 5%). The HCPL-7840 utilizes sigma delta
(∑-Δ) analog-to-digital converter technology, chopper
stabilized amplifiers, and a fully differential circuit topol-
ogy fabricated using Avago’s 0.8 μm CMOS IC process.
Together, these features deliver unequaled isolation-
mode noise rejection, as well as excellent offset and gain
accuracy and stability over time and temperature. This
performance is delivered in a compact, auto-insertable,
industry standard 8-pin DIP package that meets world-
wide regulatory safety standards. (A gull-wing surface
mount option #300 is also available).
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT+
VOUT–
GND2
+
+
SHIELD
HCPL-7840
Isolation Amplifier
Data Sheet
Features
 15 kV/μs common-mode rejection at V
CM
= 1000 V
 Compact, auto-insertable standard 8-pin DIP package
 0.00025 V/V/°C gain drift vs. temperature
 0.3 mV input offset voltage
 100 kHz bandwidth
 0.004% nonlinearity
 Worldwide safety approval:
UL 1577 (3750 Vrms/1 min.)
and CSA, IEC/EN/DIN EN 60747-5-2
 Advanced Sigma-Delta (∑-Δ) A/D converter technol-
ogy
 Fully differential circuit topology
 0.8 μm CMOS IC technology
Applications
 Motor phase and rail current sensing
 Inverter current sensing
 Switched mode power supply signal isolation
 General purpose current sensing and monitoring
 General purpose analog signal isolation
Functional Diagram
A 0.1 μF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and 8.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com