Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7840-500E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7840-500E
Description  Isolation Amplifi er
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7840-500E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7840-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7840-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
DC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of V
IN+
= 0, V
IN-
= 0 V, V
DD1
= V
DD2
= 5 V and T
A
= 25°C; all Min./Max. specifications are within the Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input Offset Voltage
V
OS
-2.0
0.3
2.0
mV
T
A
= 25°C
1,2
-3.0
3.0
mV
T
A
= -40°C to +85°C
1,2
Magnitude of Input
Offset Change vs.
Temperature
|ΔV
OS
/ΔT
A
|
3.0
10.0
μV/°C
3
2
Gain (± 5% Tol.)
G
7.60
8.00
8.40
V/V
-200 mV < V
IN+
< 200 mV,
T
A
= 25°C
4,5,6
3
Magnitude of V
OUT
Gain Change vs.
Temperature
|ΔG/ΔT
A
|
0.00025
V/V/°C
4
V
OUT
200 mV Nonlinearity
NL
200
0.0037
0.35
%
-200 mV < V
IN+
< 200 mV
7,8
5
Magnitude of V
OUT
200 mV
Nonlinearity Change
vs. Temperature
|dNL
200
/dT|
0.0002
% / °C
V
OUT
100 mV Nonlinearity
NL
100
0.0027
0.2
%
-100 mV < V
IN+
< 100 mV
6
Maximum Input
Voltage before
V
OUT
Clipping
|V
IN+
|
MAX
308.0
mV
9
Input Supply Current
I
DD1
10.86
15.5
mA
V
IN+
= 400 mV
10
7
Output Supply Current
I
DD2
11.56
15.5
V
IN+
= -400 mV
8
Input Current
I
IN+
-0.5
5.0
μA
11
9
Magnitude of Input
Bias Current vs.
Temperature
Coefficient
|dI
IN
/dT|
+0.45
nA/°C
11
Output Low Voltage
V
OL
1.29
V
10
Output High Voltage
V
OH
3.80
V
10
Output Common-Mode
Voltage
V
OCM
2.2
2.545
2.8
V
Output Short-Circuit
Current
|I
OSC
|
18.6
mA
11
Equivalent Input Impedance
R
IN
500
V
OUT
Output Resistance
R
OUT
15
Ω
Input DC Common-Mode
Rejection Ratio
CMRR
IN
76.1
dB
12


Similar Part No. - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
More results

Similar Description - HCPL-7840-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com