Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 21 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 21 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION S29AL016J70TFI020 Datasheet HTML 18Page - SPANSION S29AL016J70TFI020 Datasheet HTML 19Page - SPANSION S29AL016J70TFI020 Datasheet HTML 20Page - SPANSION S29AL016J70TFI020 Datasheet HTML 21Page - SPANSION S29AL016J70TFI020 Datasheet HTML 22Page - SPANSION S29AL016J70TFI020 Datasheet HTML 23Page - SPANSION S29AL016J70TFI020 Datasheet HTML 24Page - SPANSION S29AL016J70TFI020 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
April 12, 2012 S29AL016J_00_12
S29AL016J
21
Data
She e t
7.11
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previously protected sector groups to change data in-system.
The Sector Group Unprotect mode is activated by setting the RESET# pin to VID. During this mode, formerly
protected sector groups can be programmed or erased by selecting the sector group addresses. Once VID is
removed from the RESET# pin, all the previously protected sector groups are protected again. Figure 7.1
shows the algorithm, and Figure 17.11 on page 50 shows the timing diagrams, for this feature.
Table 7.7 S29AL016J Top Boot Device Sector/Sector Group Protection
Sector / Sector Block
A19
A18
A17
A16
A15
A14
A13
A12
Sector / Sector Block Size
SA0-SA3
0
0
0
X
X
X
X
X
256 (4x64) Kbytes
SA4-SA7
0
0
1
X
X
X
X
X
256 (4x64) Kbytes
SA8-SA11
0
1
0
X
X
X
X
X
256 (4x64) Kbytes
SA12-SA15
0
1
1
X
X
X
X
X
256 (4x64) Kbytes
SA16-SA19
1
0
0
X
X
X
X
X
256 (4x64) Kbytes
SA20-SA23
1
0
1
X
X
X
X
X
256 (4x64) Kbytes
SA24-SA27
1
1
0
X
X
X
X
X
256 (4x64) Kbytes
SA28-SA29
1
1
1
0
X
X
X
X
128 (2x64) Kbytes
SA30
1
1110
X
X
X
64 Kbytes
SA31
1
11110
X
X
32 Kbytes
SA32
1
1111100
8 Kbytes
SA33
1
1111101
8 Kbytes
SA34
1
111111
X
16 Kbytes
Table 7.8 S29AL016J Bottom Boot Device Sector/Sector Group Protection
Sector / Sector Block
A19
A18
A17
A16
A15
A14
A13
A12
Sector / Sector Block Size
SA0
0
00000
0
X
16 Kbytes
SA1
0
00000
10
8 Kbytes
SA2
0
00000
11
8 Kbytes
SA3
0
00001
X
X
32 Kbytes
SA4
0
0001
X
X
X
64 (1x64) Kbytes
SA5-SA6
0
0
0
1
XXXX
128 (2x64) Kbytes
SA7-SA10
0
0
1
XXXXX
256 (4x64) Kbytes
SA11-SA14
0
1
0
XXXXX
256 (4x64) Kbytes
SA15-SA18
0
1
1
XXXXX
256 (4x64) Kbytes
SA19-SA22
1
0
0
XXXXX
256 (4x64) Kbytes
SA23-SA26
1
0
1
XXXXX
256 (4x64) Kbytes
SA27-SA30
1
1
0
XXXXX
256 (4x64) Kbytes
SA31-SA34
1
1
1
XXXXX
256 (4x64) Kbytes


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com