Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 24 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 24 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 20Page - SPANSION S29AL016J70TFI020 Datasheet HTML 21Page - SPANSION S29AL016J70TFI020 Datasheet HTML 22Page - SPANSION S29AL016J70TFI020 Datasheet HTML 23Page - SPANSION S29AL016J70TFI020 Datasheet HTML 24Page - SPANSION S29AL016J70TFI020 Datasheet HTML 25Page - SPANSION S29AL016J70TFI020 Datasheet HTML 26Page - SPANSION S29AL016J70TFI020 Datasheet HTML 27Page - SPANSION S29AL016J70TFI020 Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
24
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
8.
Secured Silicon Sector Flash Memory Region
The Secured Silicon Sector feature provides a 256-byte Flash memory region that enables permanent part
identification through an Electronic Serial Number (ESN). The Secured Silicon Sector uses a Secured Silicon
Sector Indicator Bit (DQ7) to indicate whether or not the Secured Silicon Sector is locked when shipped from
the factory. This bit is permanently set at the factory and cannot be changed, which prevents cloning of a
factory-locked part. This ensures the security of the ESN once the product is shipped to the field.
Spansion offers the device with the Secured Silicon Sector either factory-locked or customer-lockable. The
factory-locked version is always protected when shipped from the factory, and has the Secured Silicon Sector
Indicator Bit permanently set to a 1. The customer-lockable version is shipped with the Secured Silicon
Sector unprotected, allowing customers to utilize the that sector in any manner they choose. The customer-
lockable version has the Secured Silicon Sector Indicator Bit permanently set to a 0. Thus, the Secured
Silicon Sector Indicator Bit prevents customer-lockable devices from being used to replace devices that are
factory locked.
The system accesses the Secured Silicon Sector through a command sequence (see Enter/Exit Secured
Silicon Sector Command Sequence on page 30). After the system writes the Enter Secured Silicon Sector
command sequence, it may read the Secured Silicon Sector by using the addresses normally occupied by the
boot sectors. This mode of operation continues until the system issues the Exit Secured Silicon Sector
command sequence, or until power is removed from the device. On power-up, or following a hardware reset,
the device reverts to sending commands to the boot sectors.
8.1
Factory Locked: Secured Silicon Sector Programmed
and Protected at the Factory
In a factory locked device, the Secured Silicon Sector is protected when the device is shipped from the
factory. The Secured Silicon Sector cannot be modified in any way. The device is available pre-programmed
with one of the following:
 A random, secure ESN only.
 Customer code through the ExpressFlash service.
 Both a random, secure ESN and customer code through the ExpressFlash service.
In devices that have an ESN, a Bottom Boot device has the 16-byte (8-word) ESN in sector 0 at addresses
00000h–0000Fh in byte mode (or 00000h–00007h in word mode). In the Top Boot device, the ESN is in
sector 34 at addresses 1FFFF0h–1FFFFFh in byte mode (or FFFF8h–FFFFFh in word mode).
Customers may opt to have their code programmed by Spansion through the Spansion ExpressFlash
service. Spansion programs the customer’s code, with or without the random ESN. The devices are then
shipped from the Spansion factory with the Secured Silicon Sector permanently locked. Contact a Spansion
representative for details on using the Spansion ExpressFlash service.
8.2
Customer Lockable: Secured Silicon Sector NOT Programmed
or Protected at the Factory
The customer lockable version allows the Secured Silicon Sector to be programmed once, and then
permanently locked after it ships from Spansion. Note that the unlock bypass functions is not available when
programming the Secured Silicon Sector.
The Secured Silicon Sector area can be protected using the following procedures:
 Write the three-cycle Enter Secured Silicon Region command sequence, and then follow the in-system
sector group protect algorithm as shown in Figure 7.2 on page 23, substituting the sector group address
with the Secured Silicon Sector group address (A0=0, A1=1, A2=0, A3=1, A4=1, A5=0, A6=0, A7=0). Note
that this method is only applicable to the Secured Silicon Sector.
 To verify the protect/unprotect status of the Secured Silicon Sector, follow the algorithm shown in Figure
8.1 on page 25.
Once the Secured Silicon Sector is locked and verified, the system must write the Exit Secured Silicon Sector
Region command sequence to return to reading and writing the remainder of the array.


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com