Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 20 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 20 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 16Page - SPANSION S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION S29AL016J70TFI020 Datasheet HTML 18Page - SPANSION S29AL016J70TFI020 Datasheet HTML 19Page - SPANSION S29AL016J70TFI020 Datasheet HTML 20Page - SPANSION S29AL016J70TFI020 Datasheet HTML 21Page - SPANSION S29AL016J70TFI020 Datasheet HTML 22Page - SPANSION S29AL016J70TFI020 Datasheet HTML 23Page - SPANSION S29AL016J70TFI020 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
20
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
7.9
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector group protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming
equipment to automatically match a device to be programmed with its corresponding programming algorithm.
However, the autoselect codes can also be accessed in-system through the command register.
When using programming equipment, the autoselect mode requires VID (8.5 V to 12.5 V) on address pin A9.
Address pins A6 and A3–A0 must be as shown in Table 7.6. In addition, when verifying sector group
protection, the sector address must appear on the appropriate highest order address bits (see Table 7.2
on page 18 and Table 7.4 on page 19). Table 7.6 shows the remaining address bits that are don’t care. When
all necessary bits have been set as required, the programming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 10.1 on page 34. This method does not require VID. See Command
Definitions on page 29 for details on using the autoselect mode.
Legend
L = Logic Low = VIL; H = Logic High = VIH; SA = Sector Address; X = Don’t care
Note
The autoselect codes may also be accessed in-system via command sequences. See Table 10.1 on page 34.
7.10
Sector Group Protection/Unprotection
The hardware sector group protection feature disables both program and erase operations in any sector
group (see Table 7.2 on page 18 to Table 7.4 on page 19). The hardware sector group unprotection feature
re-enables both program and erase operations in previously protected sector groups. Sector group
protection/unprotection can be implemented via two methods.
Sector protection/unprotection requires VID on the RESET# pin only, and can be implemented either in-
system or via programming equipment. Figure 7.2 on page 23 shows the algorithms and Figure 17.12
on page 50 shows the timing diagram. This method uses standard microprocessor bus cycle timing. For
sector group unprotect, all unprotected sector groups must first be protected prior to the first sector group
unprotect write cycle.
The device is shipped with all sector groups unprotected. Spansion offers the option of programming and
protecting sector groups at its factory prior to shipping the device through Spansion Programming Service.
Contact a Spansion representative for details.
It is possible to determine whether a sector group is protected or unprotected. See Autoselect Mode
on page 20 for details.
Table 7.6 S29AL016J Autoselect Codes (High Voltage Method)
Description
Mode
CE#
OE#
WE#
A19
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: Spansion
L
L
H
X
VID
XLXL
L
L
X
01h
Device ID: S29AL016J
(Top Boot Block)
Word
L
L
H
XVID
XLXL
L
H
22h
C4h
Byte
L
L
H
X
C4h
Device ID: S29AL016J
(Bottom Boot Block)
Word
L
L
H
XVID
XLXL
L
H
22h
49h
Byte
L
L
H
X
49h
Sector Group Protection Verification
L
L
H
SA
VID
XLXL
H
L
X
01h (protected)
X
00h (unprotected)
Secured Silicon Sector Indicator Bit (DQ7) Top
Boot Block
LL
H
X
VID
XLXL
H
H
X
8Eh (factory locked)
0Eh (not factory locked)
Secured Silicon Sector Indicator Bit (DQ7)
Bottom Boot Block
LL
H
X
VID
XLXL
H
H
X
96h (factory locked)
16h (not factory locked)


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com