Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 18 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 18 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 14Page - SPANSION S29AL016J70TFI020 Datasheet HTML 15Page - SPANSION S29AL016J70TFI020 Datasheet HTML 16Page - SPANSION S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION S29AL016J70TFI020 Datasheet HTML 18Page - SPANSION S29AL016J70TFI020 Datasheet HTML 19Page - SPANSION S29AL016J70TFI020 Datasheet HTML 20Page - SPANSION S29AL016J70TFI020 Datasheet HTML 21Page - SPANSION S29AL016J70TFI020 Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
18
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
Note
Address range is A19:A-1 in byte mode and A19:A0 in word mode. See Word/Byte Configuration on page 15.
Table 7.2 Sector Address Tables (Top Boot Device)
Sector
A19
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
Byte Mode (x8)
Word Mode (x16)
SA0
00000
X
X
X
64/32
000000–00FFFF
00000–07FFF
SA1
00001
X
X
X
64/32
010000–01FFFF
08000–0FFFF
SA2
00010
X
X
X
64/32
020000–02FFFF
10000–17FFF
SA3
00011
X
X
X
64/32
030000–03FFFF
18000–1FFFF
SA4
00100
X
X
X
64/32
040000–04FFFF
20000–27FFF
SA5
00101
X
X
X
64/32
050000–05FFFF
28000–2FFFF
SA6
00110
X
X
X
64/32
060000–06FFFF
30000–37FFF
SA7
00111
X
X
X
64/32
070000–07FFFF
38000–3FFFF
SA8
01000
X
X
X
64/32
080000–08FFFF
40000–47FFF
SA9
01001
X
X
X
64/32
090000–09FFFF
48000–4FFFF
SA10
01010
X
X
X
64/32
0A0000–0AFFFF
50000–57FFF
SA11
01011
X
X
X
64/32
0B0000–0BFFFF
58000–5FFFF
SA12
01100
X
X
X
64/32
0C0000–0CFFFF
60000–67FFF
SA13
01101
X
X
X
64/32
0D0000–0DFFFF
68000–6FFFF
SA14
01110
X
X
X
64/32
0E0000–0EFFFF
70000–77FFF
SA15
01111
X
X
X
64/32
0F0000–0FFFFF
78000–7FFFF
SA16
10000
X
X
X
64/32
100000–10FFFF
80000–87FFF
SA17
10001
X
X
X
64/32
110000–11FFFF
88000–8FFFF
SA18
10010
X
X
X
64/32
120000–12FFFF
90000–97FFF
SA19
10011
X
X
X
64/32
130000–13FFFF
98000–9FFFF
SA20
10100
X
X
X
64/32
140000–14FFFF
A0000–A7FFF
SA21
10101
X
X
X
64/32
150000–15FFFF
A8000–AFFFF
SA22
10110
X
X
X
64/32
160000–16FFFF
B0000–B7FFF
SA23
10111
X
X
X
64/32
170000–17FFFF
B8000–BFFFF
SA24
11000
X
X
X
64/32
180000–18FFFF
C0000–C7FFF
SA25
11001
X
X
X
64/32
190000–19FFFF
C8000–CFFFF
SA26
11010
X
X
X
64/32
1A0000–1AFFFF
D0000–D7FFF
SA27
11011
X
X
X
64/32
1B0000–1BFFFF
D8000–DFFFF
SA28
11100
X
X
X
64/32
1C0000–1CFFFF
E0000–E7FFF
SA29
11101
X
X
X
64/32
1D0000–1DFFFF
E8000–EFFFF
SA30
11110
X
X
X
64/32
1E0000–1EFFFF
F0000–F7FFF
SA31
111110
X
X
32/16
1F0000–1F7FFF
F8000–FBFFF
SA32
11111100
8/4
1F8000–1F9FFF
FC000–FCFFF
SA33
11111101
8/4
1FA000–1FBFFF
FD000–FDFFF
SA34
1111111
X
16/8
1FC000–1FFFFF
FE000–FFFFF
Table 7.3 Secured Silicon Sector Addresses (Top Boot)
Sector Size (bytes/words)
x8 Address Range
x16 Address Range
256/128
1FFF00h–1FFFFFh
FFF80h–FFFFFh


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com