Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 15 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 15 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 11Page - SPANSION S29AL016J70TFI020 Datasheet HTML 12Page - SPANSION S29AL016J70TFI020 Datasheet HTML 13Page - SPANSION S29AL016J70TFI020 Datasheet HTML 14Page - SPANSION S29AL016J70TFI020 Datasheet HTML 15Page - SPANSION S29AL016J70TFI020 Datasheet HTML 16Page - SPANSION S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION S29AL016J70TFI020 Datasheet HTML 18Page - SPANSION S29AL016J70TFI020 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
April 12, 2012 S29AL016J_00_12
S29AL016J
15
Data
She e t
7.
Device Bus Operations
This section describes the requirements and use of the device bus operations, which are initiated through the
internal command register. The command register itself does not occupy any addressable memory location.
The register is composed of latches that store the commands, along with the address and data information
needed to execute the command. The contents of the register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the device. Table 7.1 lists the device bus operations, the
inputs and control levels they require, and the resulting output. The following subsections describe each of
these operations in further detail.
Legend
L = Logic Low = VIL; H = Logic High = VIH; VID = 8.5 V to 12.5 V; X = Don’t Care; AIN = Address In; DOUT = Data Out
Notes
1. Address In = Amax:A0 in WORD mode (BYTE#=VIH), Address In = Amax:A-1 in BYTE mode (BYTE#=VIL). Sector addresses are Amax
to A12 in both WORD mode and BYTE mode.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See Section 7.10, Sector Group
Protection/Unprotection on page 20.
3. If WP# = VIL, the outermost sector remains protected (determined by device configuration). If WP# = VIH, the outermost sector protection
depends on whether the sector was last protected or unprotected using the method described in Section 7.10, Sector Group Protection/
Unprotection on page 20. The WP# contains an internal pull-up; when unconnected, WP is at VIH.
4. DIN or DOUT as required by command sequence, data polling, or sector group protection algorithm.
7.1
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word
configuration. If the BYTE# pin is set at logic 1, the device is in word configuration, DQ15–DQ0 are active and
controlled by CE# and OE#.
If the BYTE# pin is set at logic 0, the device is in byte configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and the DQ15 pin is used
as an input for the LSB (A-1) address function.
7.2
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control and gates array data to the output pins. WE# should
remain at VIH. The BYTE# pin determines whether the device outputs array data in words or bytes.
The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses
Table 7.1 S29AL016J Device Bus Operations
Operation
CE#
OE#
WE#
RESET#
WP#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
X
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
(Note 3)
AIN
(Note 4)
(Note 4)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
X
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
X
High-Z
High-Z
High-Z
Sector Group Protect
(2) (3)
LH
L
VID
H
Sector Address,
A6 = L,
A3 = A2 = L,
A1 = H, A0 = L
(Note 4)
XX
Sector Group
Unprotect (2) (3)
LH
L
VID
H
Sector Address,
A6 = H,
A3 = A2 = L,
A1 = H, A0 = L
(Note 4)
XX
Temporary Sector
Group Unprotect
XX
X
VID
HAIN
(Note 4)
(Note 4)
High-Z


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
AMIC Technology
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com