Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 14 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 14 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 10Page - SPANSION S29AL016J70TFI020 Datasheet HTML 11Page - SPANSION S29AL016J70TFI020 Datasheet HTML 12Page - SPANSION S29AL016J70TFI020 Datasheet HTML 13Page - SPANSION S29AL016J70TFI020 Datasheet HTML 14Page - SPANSION S29AL016J70TFI020 Datasheet HTML 15Page - SPANSION S29AL016J70TFI020 Datasheet HTML 16Page - SPANSION S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION S29AL016J70TFI020 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
14
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. Type 1 is standard. Specify other options as required.
3. TSOP package markings omit packing type designator from ordering part number.
4. BGA package marking omits leading S29 and packing type designator from ordering part number.
S29AL016J Valid Combination
Package Description
Device Number
Speed
Option
Package Type,
Material, and
Temperature Range
Model Number
Packing Type
S29AL016J
55
TFI, TFN
R1, R2
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA
FFI, FFN
LAE064 (Note 4)
Fortified BGA
70
TFI, TFN
01, 02
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFI, BFN, BHI, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA
FFI, FFN
LAE064 (Note 4)
Fortified BGA
TFI
03, 04
0, 3 (Note 1)
TS048 (Note 3)
TSOP
BFN, BHN
0, 2, 3 (Note 1)
VBK048 (Note 4)
Fine-Pitch BGA


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com