Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 13 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 13 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 9Page - SPANSION S29AL016J70TFI020 Datasheet HTML 10Page - SPANSION S29AL016J70TFI020 Datasheet HTML 11Page - SPANSION S29AL016J70TFI020 Datasheet HTML 12Page - SPANSION S29AL016J70TFI020 Datasheet HTML 13Page - SPANSION S29AL016J70TFI020 Datasheet HTML 14Page - SPANSION S29AL016J70TFI020 Datasheet HTML 15Page - SPANSION S29AL016J70TFI020 Datasheet HTML 16Page - SPANSION S29AL016J70TFI020 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
April 12, 2012 S29AL016J_00_12
S29AL016J
13
Data
She e t
6.
Ordering Information
6.1
S29AL016J Standard Products
Spansion standard products are available in several packages and operating ranges. The order number
(Valid Combination) is formed by a combination of the elements below.
S29AL016J
70
T
F
I
01
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number
01 = VCC = 2.7 - 3.6V, top boot sector device (CFI Support)
02 = VCC = 2.7 - 3.6V, bottom boot sector device (CFI Support)
03 = VCC = 2.7 - 3.6V, top boot sector device (No CFI Support)
04 = VCC = 2.7 - 3.6V, bottom boot sector device (No CFI Support)
R1 = VCC = 3.0 - 3.6V, top boot sector device (CFI Support)
R2 = VCC = 3.0 - 3.6V, bottom boot sector device (CFI Support)
Temperature Range
I
= Industrial (-40°C to +85°C)
N = Extended (-40°C to +125°C)
Package Material Set
F
= Pb-Free
H = Low-Halogen, Pb-Free
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
F
= Fortified Ball-Grid Array Package
Speed Option
55 = 55 ns Access Speed
70 = 70 ns Access Speed
Device Number/Description
S29AL016J
16 Megabit Flash Memory manufactured using 110 nm process technology
3.0 Volt-only Read, Program, and Erase


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com