Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 56 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 56 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 50Page - SPANSION S29AL016J70TFI020 Datasheet HTML 51Page - SPANSION S29AL016J70TFI020 Datasheet HTML 52Page - SPANSION S29AL016J70TFI020 Datasheet HTML 53Page - SPANSION S29AL016J70TFI020 Datasheet HTML 54Page - SPANSION S29AL016J70TFI020 Datasheet HTML 55Page - SPANSION S29AL016J70TFI020 Datasheet HTML 56Page - SPANSION S29AL016J70TFI020 Datasheet HTML 57Page - SPANSION S29AL016J70TFI020 Datasheet HTML 58Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
56
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
21. Revision History
Section
Description
Revision 01 (April 10, 2007)
Initial release.
Revision 02 (May 17, 2007)
Global
Deleted references to ACC input.
General Description
Corrected ball count for Fortified BGA package.
Product Selector Guide
Changed maximum tOE for 45 ns option.
Autoselect Codes (High Voltage
Method) table
Changed address bits A19–A10 for Sector Protection Verification to SA.
Secured Silicon Sector Flash Memory
Region
Factory Locked: Secured Silicon Sector Programmed and Protected at the Factory: Changed top
boot sector number and addresses for ESN. Deleted reference to uniform sector device.
Common Flash Memory Interface (CFI)
Primary Vendor-Specific Extended Query table: Added entries for addresses 4Dh–50h (x8 mode).
DC Characteristics
CMOS Compatible table: Modified test conditions for ICC3, ICC4, ICC5
AC Characteristics table
Read Operations table: Changed tOE specification for 45 and 55 ns options.
Revision 03 (October 29, 2007)
Global
Removed 44-pin SOP package
Ordering Information
Removed all leaded package offerings
S29AL016J Device Bus Operations Table
Under Note 3: Removed the line “If WP# = VHH, all sectors will be unprotected.”
CFI Query Identification String Table
Updated the data for CFI addresses 2C hex
S29AL016J Command Definitions Table
The 2nd cycle data for the “Unlock Bypass Reset” command was updated from 'F0' to '00'.
Absolute Maximum Ratings
Updated VCC Absolute Maximum Rating
CMOS Compatible Table
Updated ICC3 Standby current test condition
Updated maximum value of VOL
Updated minimum value of VLKO
Figure Back to Back Read/Write Cycle Timing
Corrected the tSR/W duration
Revision 04 (March 25, 2008)
Reset #: Hardware Reset Pin
Updated current consumption during RESET# pulse
CMOS Compatible Table
Updated maximum value of ILI
Updated test condition, typical and maximum value of ICC3
Updated test condition, typical and maximum value of ICC4
Updated test condition, typical and maximum value of ICC5
Updated minimum value of VIL
Added Note 5
Ordering Information
Updated valid combination
Removed 45 ns, added 70 ns
Revision 05 (May 23, 2008)
Ordering Information
Corrected model number 02 and 04 to bottom boot
Added the Regulated Voltage option
Added the Extended Temperature Range
Updated the Valid Combination table
Pin Configuration
Updated Pin Configuration table
Device Bus Operation
Updated the S29AL016J Device Bus Operation table and modified Note 3
Operating Ranges
Added Extended Temperature Range information
Added Regulated Voltage


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com