Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 32 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 32 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 28Page - SPANSION S29AL016J70TFI020 Datasheet HTML 29Page - SPANSION S29AL016J70TFI020 Datasheet HTML 30Page - SPANSION S29AL016J70TFI020 Datasheet HTML 31Page - SPANSION S29AL016J70TFI020 Datasheet HTML 32Page - SPANSION S29AL016J70TFI020 Datasheet HTML 33Page - SPANSION S29AL016J70TFI020 Datasheet HTML 34Page - SPANSION S29AL016J70TFI020 Datasheet HTML 35Page - SPANSION S29AL016J70TFI020 Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
32
S29AL016J
S29AL016J_00_12 April 12, 2012
Da ta
Sh e e t
10.8
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two
unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the
address of the sector to be erased, and the sector erase command. Table 10.1 on page 34 shows the
address and data requirements for the sector erase command sequence.
The device does not require the system to preprogram the memory prior to erase. The Embedded Erase
algorithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase.
The system is not required to provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of 50 µs begins. During the time-out period,
additional sector addresses and sector erase commands may be written. However, these additional erase
commands are only one bus cycle long and should be identical to the sixth cycle of the standard erase
command explained above. Loading the sector erase buffer may be done in any sequence, and the number
of sectors may be from one sector to all sectors. The time between these additional cycles must be less than
50 µs, otherwise the last address and command might not be accepted, and erasure may begin. It is
recommended that processor interrupts be disabled during this time to ensure all commands are accepted.
The interrupts can be re-enabled after the last Sector Erase command is written. If the time between
additional sector erase commands can be assumed to be less than 50 µs, the system need not monitor DQ3.
Any command other than Sector Erase or Erase Suspend during the time-out period resets the device
to reading array data. The system must rewrite the command sequence and any additional sector
addresses and commands.
The system can monitor DQ3 to determine if the sector erase timer has timed out. (See DQ3: Sector Erase
Timer on page 39.) The time-out begins from the rising edge of the final WE# pulse in the command
sequence.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands
are ignored. Note that a hardware reset during the sector erase operation immediately terminates the
operation. The Sector Erase command sequence should be reinitiated once the device has returned to
reading array data, to ensure data integrity.
When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses
are no longer latched. The system can determine the status of the erase operation by using DQ7, DQ6, DQ2,
or RY/BY#. (Refer to Write Operation Status on page 35 for information on these status bits.)
Figure 10.2 on page 33 illustrates the algorithm for the erase operation. Refer to Erase/Program Operations
on page 46 for parameters, and to Figure 17.6 on page 47 for timing diagrams.
10.9
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data
from, or program data to, any sector not selected for erasure. This command is valid only during the sector
erase operation, including the 50 µs time-out period during the sector erase command sequence. The Erase
Suspend command is ignored if written during the chip erase operation or Embedded Program algorithm.
Writing the Erase Suspend command during the Sector Erase time-out immediately terminates the time-out
period and suspends the erase operation. Addresses are don’t-cares when writing the Erase Suspend
command.
When the Erase Suspend command is written during a sector erase operation, the device requires a
maximum of 35 µs to suspend the erase operation. However, when the Erase Suspend command is written
during the sector erase time-out, the device immediately terminates the time-out period and suspends the
erase operation.
After the erase operation has been suspended, the system can read array data from or program data to any
sector not selected for erasure. (The device “erase suspends” all sectors selected for erasure.) Normal read
and write timings and command definitions apply. Reading at any address within erase-suspended sectors
produces status data on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a
sector is actively erasing or is erase-suspended. See Write Operation Status on page 35 for information on
these status bits.
After an erase-suspended program operation is complete, the system can once again read array data within
non-suspended sectors. The system can determine the status of the program operation using the DQ7 or


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com