Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD510JB1A105S Datasheet(PDF) 50 Page - TDK Electronics

Part # CKD510JB1A105S
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD510JB1A105S Datasheet(HTML) 50 Page - TDK Electronics

Back Button CKD510JB1A105S Datasheet HTML 46Page - TDK Electronics CKD510JB1A105S Datasheet HTML 47Page - TDK Electronics CKD510JB1A105S Datasheet HTML 48Page - TDK Electronics CKD510JB1A105S Datasheet HTML 49Page - TDK Electronics CKD510JB1A105S Datasheet HTML 50Page - TDK Electronics CKD510JB1A105S Datasheet HTML 51Page - TDK Electronics CKD510JB1A105S Datasheet HTML 52Page - TDK Electronics CKD510JB1A105S Datasheet HTML 53Page - TDK Electronics CKD510JB1A105S Datasheet HTML 54Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
6.8 F
1608
0.80 ± 0.10
± 10%
C1608X6S0G685K080AC
± 20%
C1608X6S0G685M080AC
0.80 ± 0.20
± 10%
C1608X6S1A685K080AC
C1608X6S0J685K080AB
± 20%
C1608X6S1A685M080AC
C1608X6S0J685M080AB
2012
0.85 ± 0.15
± 10%
C2012X6S1A685K085AC
C2012X6S0J685K085AB
± 20%
C2012X6S1A685M085AC
C2012X6S0J685M085AB
1.25 ± 0.20
± 10%
C2012X6S1A685K125AB
± 20%
C2012X6S1A685M125AB
3216
0.85 ± 0.10
± 10%
C3216X6S1A685K085AB
± 20%
C3216X6S1A685M085AB
10 F
1608
0.80 ± 0.10
± 10%
C1608X6S0G106K080AB
± 20%
C1608X6S0G106M080AC
0.80 ± 0.20
± 20%
C1608X6S1A106M080AC
C1608X6S0J106M080AC
2012
0.85 ± 0.15
± 10%
C2012X6S1A106K085AC
C2012X6S0J106K085AC
± 20%
C2012X6S1A106M085AC
C2012X6S0J106M085AC
1.25 ± 0.20
± 10%
C2012X6S1A106K125AB
C2012X6S0J106K125AB
C2012X6S0G106K125AC
± 20%
C2012X6S1A106M125AB
C2012X6S0J106M125AB
C2012X6S0G106M125AC
3216
0.85 ± 0.10
± 10%
C3216X6S1A106K085AB
± 20%
C3216X6S1A106M085AB
1.60 ± 0.20
± 10%
C3216X6S0J106K160AC
± 20%
C3216X6S0J106M160AC
15 F
2012
0.85 ± 0.15
± 20%
C2012X6S0G156M085AC
1.25 ± 0.20
± 20%
C2012X6S1A156M125AC
C2012X6S0J156M125AB
3216
1.60 ± 0.20
± 20%
C3216X6S1A156M160AB
C3216X6S0J156M160AB
22 F
2012
0.85 ± 0.15
± 20%
C2012X6S0J226M085AC
C2012X6S0G226M085AC
1.25 ± 0.20
± 20%
C2012X6S1A226M125AC
C2012X6S0J226M125AB
C2012X6S0G226M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A226M160AB
C3216X6S0J226M160AB
33 F
2012
1.25 ± 0.20
± 20%
C2012X6S0G336M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A336M160AC
C3216X6S0J336M160AB
47 F
2012
1.25 ± 0.20
± 20%
C2012X6S0G476M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1A476M160AC
C3216X6S0J476M160AB
C3216X6S0G476M160AC
3225
2.50 ± 0.30
± 20%
C3225X6S0J476M250AC
68 F
3216
1.60 ± 0.20
± 20%
C3216X6S0G686M160AC
100 F
3216
1.60 +0.30/-0.10
± 20%
C3216X6S0G107M160AC
3225
2.50 ± 0.30
± 20%
C3225X6S0J107M250AC
C3225X6S0G107M250AC
4532
2.80 ± 0.30
± 20%
C4532X6S0J107M280KC
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
100 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E101K030BA
± 20%
C0603X7R1E101M030BA
150 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E151K030BA
± 20%
C0603X7R1E151M030BA
220 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E221K030BA
± 20%
C0603X7R1E221M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H221K050BA
± 20%
C1005X7R1H221M050BA
330 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E331K030BA
± 20%
C0603X7R1E331M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H331K050BA
± 20%
C1005X7R1H331M050BA
470 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E471K030BA
± 20%
C0603X7R1E471M030BA
1005
0.50 ± 0.05
± 10%
C1005X7R1H471K050BA
± 20%
C1005X7R1H471M050BA
680 pF
0603
0.30 ± 0.03
± 10%
C0603X7R1E681K030BA
± 20%
C0603X7R1E681M030BA
Page 49
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en


Similar Part No. - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD510JB1A100S(030A) TDK-CKD510JB1A100S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030B) TDK-CKD510JB1A100S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030C) TDK-CKD510JB1A100S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030D) TDK-CKD510JB1A100S(030D) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(085A) TDK-CKD510JB1A100S(085A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com