Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD510JB1A105S Datasheet(PDF) 43 Page - TDK Electronics

Part # CKD510JB1A105S
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD510JB1A105S Datasheet(HTML) 43 Page - TDK Electronics

Back Button CKD510JB1A105S Datasheet HTML 39Page - TDK Electronics CKD510JB1A105S Datasheet HTML 40Page - TDK Electronics CKD510JB1A105S Datasheet HTML 41Page - TDK Electronics CKD510JB1A105S Datasheet HTML 42Page - TDK Electronics CKD510JB1A105S Datasheet HTML 43Page - TDK Electronics CKD510JB1A105S Datasheet HTML 44Page - TDK Electronics CKD510JB1A105S Datasheet HTML 45Page - TDK Electronics CKD510JB1A105S Datasheet HTML 46Page - TDK Electronics CKD510JB1A105S Datasheet HTML 47Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
3.3 F
1608
0.80 ± 0.10
± 10%
C1608X5R1E335K080AC
C1608X5R1C335K080AC
± 20%
C1608X5R1E335M080AC
C1608X5R1C335M080AC
0.80 ± 0.20
± 10%
C1608X5R1V335K080AC
± 20%
C1608X5R1V335M080AC
2012
0.60 ± 0.15
± 10%
C2012X5R1C335K060AC
± 20%
C2012X5R1C335M060AC
0.85 ± 0.15
± 10%
C2012X5R1E335K085AC
C2012X5R1C335K085AB
± 20%
C2012X5R1E335M085AC
C2012X5R1C335M085AB
1.25 ± 0.20
± 10%
C2012X5R1H335K125AB
C2012X5R1V335K125AC
C2012X5R1E335K125AB
C2012X5R1C335K125AC
± 20%
C2012X5R1H335M125AB
C2012X5R1V335M125AC
C2012X5R1E335M125AB
C2012X5R1C335M125AC
3216
1.60 ± 0.20
± 10%
C3216X5R1H335K160AB
C3216X5R1V335K160AB
C3216X5R1E335K160AA
± 20%
C3216X5R1H335M160AB
C3216X5R1V335M160AB
C3216X5R1E335M160AA
3225
2.50 ± 0.30
± 10%
C3225X5R1H335K250AB
± 20%
C3225X5R1H335M250AB
4.7 F
1608
0.80 ± 0.10
± 10%
C1608X5R1E475K080AC
C1608X5R1C475K080AC
± 20%
C1608X5R1E475M080AC
C1608X5R1C475M080AC
0.80 ± 0.20
± 10%
C1608X5R1V475K080AC
± 20%
C1608X5R1V475M080AC
2012
0.60 ± 0.15
± 10%
C2012X5R1C475K060AC
± 20%
C2012X5R1C475M060AC
0.85 ± 0.15
± 10%
C2012X5R1E475K085AC
C2012X5R1C475K085AB
± 20%
C2012X5R1E475M085AC
C2012X5R1C475M085AB
1.25 ± 0.20
± 10%
C2012X5R1H475K125AB
C2012X5R1V475K125AC
C2012X5R1E475K125AB
C2012X5R1C475K125AC
± 20%
C2012X5R1H475M125AB
C2012X5R1V475M125AC
C2012X5R1E475M125AB
C2012X5R1C475M125AC
3216
0.85 ± 0.10
± 10%
C3216X5R1H475K085AB
C3216X5R1V475K085AB
C3216X5R1E475K085AB
± 20%
C3216X5R1H475M085AB
C3216X5R1V475M085AB
C3216X5R1E475M085AB
1.15 ± 0.10
± 10%
C3216X5R1E475K115AB
± 20%
C3216X5R1E475M115AB
1.15 ± 0.15
± 10%
C3216X5R1C475K115AA
± 20%
C3216X5R1C475M115AA
1.60 ± 0.20
± 10%
C3216X5R1H475K160AB
C3216X5R1V475K160AB
C3216X5R1E475K160AA
± 20%
C3216X5R1H475M160AB
C3216X5R1V475M160AB
C3216X5R1E475M160AA
3225
2.50 ± 0.30
± 10%
C3225X5R1H475K250AB
± 20%
C3225X5R1H475M250AB
6.8 F
1608
0.80 ± 0.20
± 10%
C1608X5R1E685K080AC
C1608X5R1C685K080AB
± 20%
C1608X5R1E685M080AC
C1608X5R1C685M080AB
2012
0.85 ± 0.15
± 10%
C2012X5R1C685K085AC
± 20%
C2012X5R1C685M085AC
1.25 ± 0.20
± 10%
C2012X5R1V685K125AC
C2012X5R1E685K125AC
C2012X5R1C685K125AC
± 20%
C2012X5R1V685M125AC
C2012X5R1E685M125AC
C2012X5R1C685M125AC
3216
1.60 ± 0.20
± 10%
C3216X5R1H685K160AB
C3216X5R1V685K160AB
C3216X5R1E685K160AB
C3216X5R1C685K160AA
± 20%
C3216X5R1H685M160AB
C3216X5R1V685M160AB
C3216X5R1E685M160AB
C3216X5R1C685M160AA
3225
2.00 ± 0.20
± 10%
C3225X5R1C685K200AA
± 20%
C3225X5R1C685M200AA
2.50 ± 0.30
± 10%
C3225X5R1H685K250AB
C3225X5R1E685K250AA
± 20%
C3225X5R1H685M250AB
C3225X5R1E685M250AA
4532
2.50 ± 0.30
± 10%
C4532X5R1H685K250KA
± 20%
C4532X5R1H685M250KA
10 F
1608
0.80 ± 0.20
± 20%
C1608X5R1E106M080AC
C1608X5R1C106M080AB
2012
0.85 ± 0.15
± 10%
C2012X5R1V106K085AC
C2012X5R1E106K085AC
C2012X5R1C106K085AC
± 20%
C2012X5R1V106M085AC
C2012X5R1E106M085AC
C2012X5R1C106M085AC
1.25 ± 0.20
± 10%
C2012X5R1V106K125AC
C2012X5R1E106K125AB
C2012X5R1C106K125AC
± 20%
C2012X5R1V106M125AC
C2012X5R1E106M125AB
C2012X5R1C106M125AC
3216
0.85 ± 0.10
± 10%
C3216X5R1E106K085AC
C3216X5R1C106K085AC
± 20%
C3216X5R1E106M085AC
C3216X5R1C106M085AC
1.60 ± 0.20
± 10%
C3216X5R1H106K160AB
C3216X5R1V106K160AB
C3216X5R1E106K160AB
C3216X5R1C106K160AA
± 20%
C3216X5R1H106M160AB
C3216X5R1V106M160AB
C3216X5R1E106M160AB
C3216X5R1C106M160AA
Page 42
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en


Similar Part No. - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD510JB1A100S(030A) TDK-CKD510JB1A100S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030B) TDK-CKD510JB1A100S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030C) TDK-CKD510JB1A100S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030D) TDK-CKD510JB1A100S(030D) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(085A) TDK-CKD510JB1A100S(085A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com