Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD510JB1A105S Datasheet(PDF) 31 Page - TDK Electronics

Part # CKD510JB1A105S
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD510JB1A105S Datasheet(HTML) 31 Page - TDK Electronics

Back Button CKD510JB1A105S Datasheet HTML 27Page - TDK Electronics CKD510JB1A105S Datasheet HTML 28Page - TDK Electronics CKD510JB1A105S Datasheet HTML 29Page - TDK Electronics CKD510JB1A105S Datasheet HTML 30Page - TDK Electronics CKD510JB1A105S Datasheet HTML 31Page - TDK Electronics CKD510JB1A105S Datasheet HTML 32Page - TDK Electronics CKD510JB1A105S Datasheet HTML 33Page - TDK Electronics CKD510JB1A105S Datasheet HTML 34Page - TDK Electronics CKD510JB1A105S Datasheet HTML 35Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: CH (-25 to +85ºC, 0 ± 60 ppm/ºC)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
47 pF
0402
0.20 ± 0.02
± 10%
C0402CH1C470K020BC
± 5%
C0402CH1C470J020BC
0603
0.30 ± 0.03
± 10%
C0603CH1H470K030BA
C0603CH1E470K030BA
± 5%
C0603CH1H470J030BA
C0603CH1E470J030BA
1005
0.50 ± 0.05
± 5%
C1005CH1H470J050BA
1608
0.80 ± 0.10
± 5%
C1608CH1H470J080AA
56 pF
0402
0.20 ± 0.02
± 10%
C0402CH1C560K020BC
± 5%
C0402CH1C560J020BC
0603
0.30 ± 0.03
± 10%
C0603CH1H560K030BA
C0603CH1E560K030BA
± 5%
C0603CH1H560J030BA
C0603CH1E560J030BA
1005
0.50 ± 0.05
± 5%
C1005CH1H560J050BA
1608
0.80 ± 0.10
± 5%
C1608CH1H560J080AA
68 pF
0402
0.20 ± 0.02
± 10%
C0402CH1C680K020BC
± 5%
C0402CH1C680J020BC
0603
0.30 ± 0.03
± 10%
C0603CH1H680K030BA
C0603CH1E680K030BA
± 5%
C0603CH1H680J030BA
C0603CH1E680J030BA
1005
0.50 ± 0.05
± 5%
C1005CH1H680J050BA
1608
0.80 ± 0.10
± 5%
C1608CH1H680J080AA
82 pF
0402
0.20 ± 0.02
± 10%
C0402CH1C820K020BC
± 5%
C0402CH1C820J020BC
0603
0.30 ± 0.03
± 10%
C0603CH1H820K030BA
C0603CH1E820K030BA
± 5%
C0603CH1H820J030BA
C0603CH1E820J030BA
1005
0.50 ± 0.05
± 5%
C1005CH1H820J050BA
1608
0.80 ± 0.10
± 5%
C1608CH1H820J080AA
100 pF
0402
0.20 ± 0.02
± 10%
C0402CH1C101K020BC
± 5%
C0402CH1C101J020BC
0603
0.30 ± 0.03
± 10%
C0603CH1H101K030BA
C0603CH1E101K030BA
± 5%
C0603CH1H101J030BA
C0603CH1E101J030BA
1005
0.50 ± 0.05
± 10%
C1005CH1H101K050BA
± 5%
C1005CH1H101J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H101K080AA
± 5%
C1608CH1H101J080AA
120 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H121K050BA
± 5%
C1005CH1H121J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H121K080AA
± 5%
C1608CH1H121J080AA
150 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H151K050BA
± 5%
C1005CH1H151J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H151K080AA
± 5%
C1608CH1H151J080AA
180 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H181K050BA
± 5%
C1005CH1H181J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H181K080AA
± 5%
C1608CH1H181J080AA
220 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H221K050BA
± 5%
C1005CH1H221J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H221K080AA
± 5%
C1608CH1H221J080AA
270 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H271K050BA
± 5%
C1005CH1H271J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H271K080AA
± 5%
C1608CH1H271J080AA
330 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H331K050BA
± 5%
C1005CH1H331J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H331K080AA
± 5%
C1608CH1H331J080AA
390 pF
1005
0.50 ± 0.05
± 10%
C1005CH1H391K050BA
± 5%
C1005CH1H391J050BA
1608
0.80 ± 0.10
± 10%
C1608CH1H391K080AA
± 5%
C1608CH1H391J080AA
Page 30
MULTILAYER CERAMIC CHIP CAPACITORS
002-02 / 20130412 / mlcc_commercial_general_en


Similar Part No. - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKD510JB1A100S(030A) TDK-CKD510JB1A100S(030A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030B) TDK-CKD510JB1A100S(030B) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030C) TDK-CKD510JB1A100S(030C) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(030D) TDK-CKD510JB1A100S(030D) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
CKD510JB1A100S(085A) TDK-CKD510JB1A100S(085A) Datasheet
89Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKD510JB1A105S

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com