Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 3 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 3 Page - Intel Corporation

  AB28F800B5T80 Datasheet HTML 1Page - Intel Corporation AB28F800B5T80 Datasheet HTML 2Page - Intel Corporation AB28F800B5T80 Datasheet HTML 3Page - Intel Corporation AB28F800B5T80 Datasheet HTML 4Page - Intel Corporation AB28F800B5T80 Datasheet HTML 5Page - Intel Corporation AB28F800B5T80 Datasheet HTML 6Page - Intel Corporation AB28F800B5T80 Datasheet HTML 7Page - Intel Corporation AB28F800B5T80 Datasheet HTML 8Page - Intel Corporation AB28F800B5T80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
3
PRELIMINARY
CONTENTS
PAGE
PAGE
1.0 INTRODUCTION..............................................5
1.1 Product Overview .........................................5
2.0 PRODUCT DESCRIPTION ..............................6
2.1 Pin Descriptions ...........................................6
2.2 Pinouts .........................................................8
2.3 Memory Blocking Organization...................10
2.3.1 One 16-KB Boot Block.........................10
2.3.2 Two 8-KB Parameter Blocks................10
2.3.3 Main Blocks - One 96-KB + Additional
128-KB Blocks....................................10
3.0 PRINCIPLES OF OPERATION .....................13
3.1 Bus Operations ..........................................13
3.1.1 Read....................................................13
3.1.2 Output Disable.....................................14
3.1.3 Standby ...............................................14
3.1.4 Word/Byte Configuration......................14
3.1.5 Deep Power-Down/Reset ....................14
3.1.6 Write....................................................14
3.2 Modes of Operation....................................16
3.2.1 Read Array ..........................................16
3.2.2 Read Identifier .....................................16
3.2.3 Read Status Register...........................16
3.2.4 Word/Byte Program .............................17
3.2.5 Block Erase .........................................17
3.3 Boot Block Locking.....................................24
3.3.1 VPP = VIL for Complete Protection........24
3.3.2 WP# = VIL for Boot Block Locking........24
3.3.3 RP# = VHH or WP# = VIH for Boot Block
Unlocking ...........................................24
3.3.4 Note For 8-Mbit 44-PSOP Package .....24
4.0 DESIGN CONSIDERATIONS ........................24
4.1 Power Consumption ...................................24
4.1.1 Active Power .......................................24
4.1.2 Automatic Power Savings (APS) .........24
4.1.3 Standby Power ....................................25
4.1.4 Deep Power-Down Mode.....................25
4.2 Power-Up/Down Operation........................ 25
4.2.1 RP# Connected To System Reset ...... 25
4.3 Board Design............................................. 25
4.3.1 Power Supply Decoupling ................... 25
4.3.2 VPP Trace on Printed Circuit Boards ... 25
5.0 ELECTRICAL SPECIFICATIONS................. 26
5.1 Absolute Maximum Ratings ....................... 26
5.2 Operating Conditions................................. 26
5.3 Capacitance .............................................. 27
5.4 DC Characteristics—Commercial and
Extended Temperature ............................. 27
5.5 DC Characteristics—Automotive
Temperature............................................. 29
5.6 AC Characteristics—Read Operations—
Commercial and Extended Temperature .. 34
5.7 AC Characteristics—Read Operations—
Automotive Temperature .......................... 35
5.8 Erase and Program Timings—Commercial
and Extended Temperature ...................... 36
5.9 Erase and Program Timings—Automotive
Temperature............................................. 37
5.10 AC Characteristics—Write Operations—
Commercial and Extended Temperature .. 38
5.11 AC Characteristics—Write Operations—
Automotive Temperature .......................... 39
6.0 ORDERING INFORMATION......................... 41
7.0 ADDITIONAL INFORMATION ...................... 42
APPENDIX A: Write State Machine: Current-
Next State Chart ......................................... 43
APPENDIX B: Product Block Diagram ............. 44


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com