Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 41 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 41 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 36Page - Intel Corporation AB28F800B5T80 Datasheet HTML 37Page - Intel Corporation AB28F800B5T80 Datasheet HTML 38Page - Intel Corporation AB28F800B5T80 Datasheet HTML 39Page - Intel Corporation AB28F800B5T80 Datasheet HTML 40Page - Intel Corporation AB28F800B5T80 Datasheet HTML 41Page - Intel Corporation AB28F800B5T80 Datasheet HTML 42Page - Intel Corporation AB28F800B5T80 Datasheet HTML 43Page - Intel Corporation AB28F800B5T80 Datasheet HTML 44Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
41
PRELIMINARY
6.0
ORDERING INFORMATION
E 2 8 F 4 0 0 B 5
T 6 0
Operating Temperature/Package
E = Comm.l Temp. TSOP
TE = Ext. Temp. TSOP
PA = Comm. Temp. 44-Lead PSOP
TB = Ext. Temp. 44-Lead PSOP
AB = Automotive Temp. 44-Lead PSOP
Product line designator
for all Intel® Flash products
Access Speed (ns)
Voltage Options
(V
PP/VCC)
5 = 5 or 12 / 5)
Density/Organization
X00 = x8/x16 Selectable
(X = 2, 4, 8)
00X = x8-only (X = 4)
T = Top Blocking
B = Bottom Blocking
-
Architecture
B = Boot Block
VALID COMBINATIONS
40-Lead TSOP
44-Lead PSOP
48-Lead TSOP
Commercial
2M
PA28F200B5T60
E28F200B5T60
PA28F200B5B60
E28F200B5B60
PA28F200B5T80
E28F200B5T80
PA28F200B5B80
E28F200B5B80
4M
E28F004B5T60
PA28F400B5T60
E28F400B5T60
E28F004B5B60
PA28F400B5B60
E28F400B5B60
E28F004B5T80
PA28F400B5T80
E28F400B5T80
E28F004B5B80
PA28F400B5B80
E28F400B5B80
8M
PA28F800B5T70
E28F800B5T70
PA28F800B5B70
E28F800B5B70
PA28F800B5T90
E28F800B5T90
PA28F800B5B90
E28F800B5B90
Extended
2M
TB28F200B5T80
TE28F200B5T80
TB28F200B5B80
TE28F200B5B80
4M
TE28F004B5T80
TB28F400B5T80
TE28F400B5T80
TE28F004B5B80
TB28F400B5B80
TE28F400B5B80
8M
TB28F800B5T90
TE28F800B5T90
TB28F800B5B90
TE28F800B5B90
Automotive
2M
AB28F200B5T80
AB28F200B5B80
4M
AB28F400B5T80
AB28F400B5B80
8M
AB28F800B5T80
AB28F800B5B80
AB28F800B5T90
AB28F800B5B90


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com