Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 39 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 39 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 35Page - Intel Corporation AB28F800B5T80 Datasheet HTML 36Page - Intel Corporation AB28F800B5T80 Datasheet HTML 37Page - Intel Corporation AB28F800B5T80 Datasheet HTML 38Page - Intel Corporation AB28F800B5T80 Datasheet HTML 39Page - Intel Corporation AB28F800B5T80 Datasheet HTML 40Page - Intel Corporation AB28F800B5T80 Datasheet HTML 41Page - Intel Corporation AB28F800B5T80 Datasheet HTML 42Page - Intel Corporation AB28F800B5T80 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
39
PRELIMINARY
5.11
AC Characteristics—Write Operations—Automotive Temperature
Speed
-80
-90
#
Sym
Parameter
Note
Min
Max
Min
Max
Unit
W0
tAVAV
Write Cycle Time
2,4 Mbit
80
n/a
ns
8 Mbit
80
90
ns
W1
tPHWL (tPHEL)
RP# High Recovery to WE#
(CE#) Going Low
450
450
ns
W2
tELWL (tWLEL)
CE# (WE#) Setup to WE#
(CE#) Going Low
00
ns
W3
tWP
Write Pulse Width
9
60
60
ns
W4
tDVWH (tDVEH)
Data Setup to WE# (CE#)
Going High
460
60
ns
W5
tAVWH (tAVEH)
Address Setup to WE# (CE#)
Going High
360
60
ns
W6
tWHEH (tEHWH)
CE# (WE#) Hold from WE#
(CE#) High
00
ns
W7
tWHDX (tEHDX)
Data Hold from WE# (CE#)
High
40
0
ns
W8
tWHAX (tEHAX)
Address Hold from WE# (CE#)
High
30
0
ns
W9
tWPH
Write Pulse Width
High
VCC = 5 V
± 5%
10
10
ns
W10
tPHHWH (tPHHEH)
RP# VHH Setup to WE# (CE#)
Going High
6,8
100
100
ns
W11
tVPWH (tVPEH)VPP Setup to WE# (CE#) Going
High
5,8
100
100
ns
W12
tQVPH
RP# VHH Hold from Valid SRD
6,8
0
0
ns
W13
tQVVL
VPP Hold from Valid SRD
5,8
0
0
ns
W14
tPHBR
Boot Block Lock Delay
7,8
100
100
ns
NOTES:
1. Read timing characteristics during program and erase operations are the same as during read-only operations. Refer to
AC
Characteristics—Read-Only Operations.
2. The on-chip WSM completely automates program/erase operations; program/erase algorithms are now controlled internally
which includes verify operations.
3. Refer to command definition table for valid A
IN. (Table 7)
4. Refer to command definition table for valid D
IN. (Table 7)
5. Program/erase durations are measured to valid SRD data (successful operation, SR.7 = 1).
6. For boot block program/erase, RP# should be held at V
HH or WP# should be held at VIH until operation completes
successfully.
7. Time t
PHBR is required for successful locking of the boot block.
8. Sampled, but not 100% tested.
9. Write pulse width (tWP) is defined from CE# or WE# going low (whichever goes low last) to CE# or WE# going high
(whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH.
10. Write pulse width high (tWPH) is defined from CE# or WE# going high (whichever goes high first)to CE# or WE# going low
(whichever goes low first). Hence, tWPH = tWHWL = tEHEL = tWHEL = tEHWL.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com