Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 36 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 36 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 32Page - Intel Corporation AB28F800B5T80 Datasheet HTML 33Page - Intel Corporation AB28F800B5T80 Datasheet HTML 34Page - Intel Corporation AB28F800B5T80 Datasheet HTML 35Page - Intel Corporation AB28F800B5T80 Datasheet HTML 36Page - Intel Corporation AB28F800B5T80 Datasheet HTML 37Page - Intel Corporation AB28F800B5T80 Datasheet HTML 38Page - Intel Corporation AB28F800B5T80 Datasheet HTML 39Page - Intel Corporation AB28F800B5T80 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
36
PRELIMINARY
Address Stable
Device and
Address Selection
IH
V
IL
V
ADDRESSES (A)
IH
V
IL
V
IH
V
IL
V
IH
V
IL
V
CE# (E)
OE# (G)
WE# (W)
DATA (D/Q)
IH
V
IL
V
RP#(P)
OL
V
OH
V
High Z
Valid Output
Data
Valid
Standby
High Z
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
0599-14
Figure 15. AC Waveforms for Read Operations
5.8
Erase and Program Timings—Commercial and Extended Temperature
VCC = 5 V ± 10%
Temp
Commercial
Extended
VPP
5 V ± 10%
12 V ± 5%
5 V ± 10%
12 V ± 5%
Parameter
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Units
Boot/Parameter Block Erase Time
7
7
7
7
s
Main Block Erase Time
14
14
14
14
s
Main Block Write Time (Byte Mode)
s
Main Block Write Time (Word Mode)
s
Byte Program Time
100
100
100
100
µs
Word Program Time
100
100
100
100
µs
NOTES:
1.
All numbers are sampled, not 100% tested.
2.
Max erase times are specified under worst case conditions. The max erase times are tested at the same value
independent of VCC and VPP. See Note 3 for typical conditions.
3.
Typical conditions are 25 °C with VCC and VPP at the center of the specified voltage range. Production programming using
VCC = 5.0 V, VPP = 12.0 V typically results in a 60% reduction in programming time.
4.
Contact your Intel representative for information regarding maximum byte/word write specifications.
5.
Max program times are guaranteed for the two parameter blocks and 96-KB main block only.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com