Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 34 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 34 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 30Page - Intel Corporation AB28F800B5T80 Datasheet HTML 31Page - Intel Corporation AB28F800B5T80 Datasheet HTML 32Page - Intel Corporation AB28F800B5T80 Datasheet HTML 33Page - Intel Corporation AB28F800B5T80 Datasheet HTML 34Page - Intel Corporation AB28F800B5T80 Datasheet HTML 35Page - Intel Corporation AB28F800B5T80 Datasheet HTML 36Page - Intel Corporation AB28F800B5T80 Datasheet HTML 37Page - Intel Corporation AB28F800B5T80 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
34
PRELIMINARY
5.6
AC Characteristics—Read Operations—Commercial and Extended
Temperature
Temp
Commercial
Extended
Speed
-60/-70
-80/-90
-80/-90
#
Sym
Parameter
VCC
5V
± 5%(4) 5V±10% (5) 5V± 10%(5) 5V± 10%(5) Unit
Load
30 pF
100 pF
100 pF
100 pF
Notes
Min
Max
Min
Max
Min
Max
Min
Max
R1
tAVAV
Read Cycle
2, 4 Mbit
7
55
70
80
80
ns
Time
8 Mbit
70
80
90
90
ns
R2
tAVQV
Address to
2, 4 Mbit
7
55
70
80
80
ns
Output Delay
8 Mbit
70
80
90
90
ns
R3
tELQV
CE# to
2, 4 Mbit
2,7
55
70
80
80
ns
Output Delay
8 Mbit
70
80
90
90
ns
R4
tGLQV
OE# to Output Delay
2
30
35
40
40
ns
R5
tPHQV RP# to Output Delay
450
450
450
450
ns
R6
tELQX
CE# to Output in Low Z
3
0
0
0
0
ns
R7
tGLQX
OE# to Output in Low Z
3
0
0
0
0
ns
R8
tEHQZ
CE# to Output in High Z
3
20
20
20
25
ns
R9
tGHQZ OE# to Output in High Z
3
20
20
20
25
ns
R10
tOH
Output Hold from Address,
CE#, or OE# Change,
Whichever Occurs First
30
0
0
0
ns
NOTES:
1.
See AC Input/Output Reference Waveform for timing measurements.
2.
OE# may be delayed up to tCE–tOE after the falling edge of CE# without impact on tCE.
3.
Sampled, but not 100% tested.
4.
See
Test Configuration (Figure 13), 5 V High-Speed Test component values.
5.
See
Test Configuration (Figure 13), 5 V Standard Test component values.
6.
Dynamic BYTE# switching between word and byte modes is not supported. Mode changes must be made when the device
is in deep power-down or powered down.
7.
As of the publication date of this document, not all 28F200B5 –60 devices meet the 55 ns read specification. Please refer
to the
5 Volt Boot Block Flash Memory Family 28F200B5, 28F004/400B5, 28F800B5 Specification Updateto determine
the specific 28F200B5 –T/B60 material that is capable of 55 ns read access times. All other 28F200B5 T/B60 devices are
capable of 60 ns read access times when VCC = 5 V ± 5% and 30 pF load.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com