Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 28 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 28 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation AB28F800B5T80 Datasheet HTML 25Page - Intel Corporation AB28F800B5T80 Datasheet HTML 26Page - Intel Corporation AB28F800B5T80 Datasheet HTML 27Page - Intel Corporation AB28F800B5T80 Datasheet HTML 28Page - Intel Corporation AB28F800B5T80 Datasheet HTML 29Page - Intel Corporation AB28F800B5T80 Datasheet HTML 30Page - Intel Corporation AB28F800B5T80 Datasheet HTML 31Page - Intel Corporation AB28F800B5T80 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
28
PRELIMINARY
5.4
DC Characteristics—Commercial and Extended Temperature (Continued)
Temp
Comm
Extended
Sym
Parameter
Note
Typ Max
Typ Max Unit
Test Condition
IPPW
VPP Program Current
1,4
25
30
mA
VPP = VPPH1 (at 5 V)
(Word or Byte Mode)
20
25
VPP = VPPH2 (at 12 V)
IPPE
VPP Erase Current
1,4
20
25
mA
VPP = VPPH1 (at 5 V)
15
20
VPP = VPPH2 (at 12 V)
IPPES
VPP Erase Susp Current
1
200
200
µA
VPP = VPPH , Block Erase Suspend
IRP#
RP# Unlock Current
1,4
500
500
µA
RP# = VHH (to unlock Boot Block)
IID
A9 Identifier Current
1,4
500
500
µA
A9 = VID
5.4
DC Characteristics—Commercial and Extended Temperature (Continued)
Temp
Comm/Ext
Sym
Parameter
Note
Min
Max
Unit
Test Condition
VID
A9 Intelligent Identifier
Voltage
11.4
12.6
V
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC +
0.5 V
V
VOL
Output Low Voltage
0.45
V
VCC = VCC Min, IOL = 5.8 mA
VOH1
Output High Voltage (TTL)
2.4
V
VCC = VCC Min, IOH = –2.5 mA
VOH2
Output High Voltage (CMOS)
0.85 x
VCC
VVCC = VCC Min, IOH = –2.5 mA
VCC
0.4V
VVCC = VCC Min, IOH = –100
µA
VPPLK VPP Lock-Out Voltage
3
0.0
1.5
V
Complete Data Protection
VPPH1VPP (Prog/Erase Operations)
4.5
5.5
V
VPP at 5 V
VPPH2VPP (Prog/Erase Operations)
11.4
12.6
V
VPP at 12 V
VLKO
VCC Erase/Prog Lock Voltage
2.0
V
VHH
RP# Unlock Voltage
11.4
12.6
V
Boot Block Program/Erase


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com