Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 27 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 27 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 23Page - Intel Corporation AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation AB28F800B5T80 Datasheet HTML 25Page - Intel Corporation AB28F800B5T80 Datasheet HTML 26Page - Intel Corporation AB28F800B5T80 Datasheet HTML 27Page - Intel Corporation AB28F800B5T80 Datasheet HTML 28Page - Intel Corporation AB28F800B5T80 Datasheet HTML 29Page - Intel Corporation AB28F800B5T80 Datasheet HTML 30Page - Intel Corporation AB28F800B5T80 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
27
PRELIMINARY
5.3
Capacitance
TA = 25 °C, f = 1 MHz
Symbol
Parameter
Note
Typ
Max
Unit
Conditions
CIN
Input Capacitance
4
6
8
pF
VIN = 0 V
COUT
Output Capacitance
4, 7
10
12
pF
VOUT = 0 V
1. Sampled, not 100% tested.
5.4
DC Characteristics—Commercial and Extended Temperature
Temp
Comm
Extended
Sym
Parameter
Note
Typ Max
Typ Max Unit
Test Condition
IIL
Input Load Current
1
±1.0
±1.0
µA
VCC = VCC Max, VIN = VCC or GND
ILO
Output Leakage Current
1
± 10
± 10
µA
VCC = VCC Max, VIN = VCC or GND
ICCS
VCC Standby Current
1,3
2.0
2.5
mA
VCC = VCC Max, CE# = RP# =
BYTE# = WP# = VIH
130
150
µA
VCC = VCC Max
CE# = RP# = VCC ± 0.2 V
ICCD
VCC Deep Power-Down
Current
120
20
µA
VCC = VCC Max, VIN = VCC or GND
RP# = GND ± 0.2 V
ICCR
VCC Read Current
(Word or Byte Mode)
1,5,
6
60
65
mA
CMOS INPUTS
VCC = VCC Max, CE# = GND,
OE# = VCC, f = 10 MHz (5 V),
IOUT = 0 mA, Inputs=GND or VCC
65
70
mA
TTL INPUTS
VCC = VCC Max, CE# = VIL,
OE# = VIH , f = 10 MHz (5 V),
IOUT = 0 mA, Inputs = VIL or VIH
ICCW
VCC Program Current
1,4
50
50
mA
VPP = VPPH1 (at 5 V)
(Word or Byte Mode)
45
45
mA
VPP = VPPH2 (at 12 V)
ICCE
VCC Erase Current
1,4
35
45
mA
VPP = VPPH1 (at 5 V)
30
40
mA
VPP = VPPH2 (at 12 V)
ICCES
VCC Erase Susp Current
1,2
10
12.0
mA
CE# = VIH , Block Erase Suspend
IPPS
VPP Standby Current
1
± 10
± 15
µA
VPP < VPPH2
IPPD
VPP Deep Power-Down
Current
1
5.0
10
µA
RP# = GND ± 0.2 V
IPPR
VPP Read Current
1
200
200
µA
VPP
≥ VPPH2


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
2 Megabit CMOS Boot Block Flash Memory
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Numonyx B.V
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com