Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 26 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 26 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 22Page - Intel Corporation AB28F800B5T80 Datasheet HTML 23Page - Intel Corporation AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation AB28F800B5T80 Datasheet HTML 25Page - Intel Corporation AB28F800B5T80 Datasheet HTML 26Page - Intel Corporation AB28F800B5T80 Datasheet HTML 27Page - Intel Corporation AB28F800B5T80 Datasheet HTML 28Page - Intel Corporation AB28F800B5T80 Datasheet HTML 29Page - Intel Corporation AB28F800B5T80 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
26
PRELIMINARY
5.0
ELECTRICAL SPECIFICATIONS
5.1
Absolute Maximum Ratings*
Commercial Operating Temperature
During Read/Erase/Program...... 0 °C to +70 °C
Temperature Under Bias........ –10 °C to +80 °C
Extended Operating Temperature
During Read/Erase/Program.. –40 °C to +85 °C
Temperature Under Bias........ –40 °C to +85 °C
Automotive Operating Temperature
During Read/Erase/Program –40 °C to +125 °C
Temperature Under Bias...... –40 °C to +125 °C
Storage Temperature ................. –65 °C to +125 °C
Voltage on Any Pin
(except VCC, VPP, A9 and RP#)
with Respect to GND ........... –2.0 V to +7.0 V(2)
Voltage on Pin RP# or Pin A9
with Respect to GND ....... –2.0 V to +13.5 V(2,3)
VPP Program Voltage with Respect
to GND during Block Erase
and Word/Byte Program .. –2.0 V to +14.0 V(2,3)
VCC Supply Voltage
with Respect to GND ........... –2.0 V to +7.0 V(2)
Output Short Circuit Current................... 100 mA (4)
NOTICE: This datasheet contains preliminary information on
new products in production. The specifications are subject
to change without notice. Verify with your local Intel Sales
office that you have the latest datasheet before finalizing a
design.
* WARNING: Stressing the device beyond the "Absolute
Maximum Ratings" may cause permanent damage. These
are stress ratings only. Operation beyond the "Operating
Conditions" is not recommended and extended exposure
beyond the "Operating Conditions" may effect device
reliability.
1.
Operating temperature is for commercial product
defined by this specification.
2.
Minimum DC voltage is –0.5 V on input/output pins.
During transitions, this level may undershoot to –2.0 V
for periods
<20 ns. Maximum DC voltage on input/output pins is
V
CC + 0.5 V which, during transitions, may overshoot to
V
CC + 2.0 V for periods <20 ns.
3.
Maximum DC voltage on V
PP may overshoot to +14.0 V
for periods <20 ns. Maximum DC voltage on RP# or A9
may overshoot to 13.5 V for periods <20 ns.
4.
Output shorted for no more than one second. No more
than one output shorted at a time.
5.2
Operating Conditions
Symbol
Parameter
Notes
Min
Max
Units
TA
Commercial Operating Temperature
0
+70
°C
Extended Operating Temperature
–40
+85
°C
Automotive Operating Temperature
–40
+125
°C
VCC
5 V VCC Supply Voltage (10%)
1
4.50
5.50
Volts
5 V VCC Supply Voltage (5%)
2
4.75
5.25
Volts
VPP
5 V VPP Supply Voltage (10%)
1
4.50
5.50
Volts
12 V VCC Supply Voltage (5%)
1
11.4
12.6
Volts
NOTES:
1.
10% VCC specifications apply to the standard test configuration (Figures 12 and 13).
2.
5% VCC specifications apply to the high-speed test configuration (Figures 11 and 13).


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com