Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 25 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 25 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 21Page - Intel Corporation AB28F800B5T80 Datasheet HTML 22Page - Intel Corporation AB28F800B5T80 Datasheet HTML 23Page - Intel Corporation AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation AB28F800B5T80 Datasheet HTML 25Page - Intel Corporation AB28F800B5T80 Datasheet HTML 26Page - Intel Corporation AB28F800B5T80 Datasheet HTML 27Page - Intel Corporation AB28F800B5T80 Datasheet HTML 28Page - Intel Corporation AB28F800B5T80 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
E
28F200B5, 28F004/400B5, 28F800B5
25
PRELIMINARY
4.1.3
STANDBY POWER
When CE# is at a logic-high level (VIH), and the
device is not programming or erasing, the memory
enters in standby mode, which disables much of the
device’s circuitry and substantially reduces power
consumption. Outputs (DQ0–DQ15 or DQ0–DQ7) are
placed in a high-impedance state independent of
the status of the OE# signal. When CE# is at logic-
high level during program or erase operations, the
device will continue to perform the operation and
consume corresponding active power until the
operation is completed.
4.1.4
DEEP POWER-DOWN MODE
The 5 Volt Boot Block Flash family supports a low
typical ICCD in deep power-down mode, which turns
off all circuits to save power. This mode is activated
by the RP# pin when it is at a logic-low (GND
±
0.2 V). Note: BYTE# pin must be at CMOS levels to
meet the ICCD specification.
During read modes, the RP# pin going low de-
selects the memory and places the output drivers in
a high impedance state. Recovery from the deep
power-down state, requires a minimum access time
of tPHQV. RP# transitions to VIL, or turning power off
to the device will clear the status register.
During an program or erase operation, RP# going
low for time tPLPH will abort the operation, but the
location’s memory contents will no longer valid and
additional timing must be met. See Section 3.1.5
and
Figure
15
and
Table
10
for
additional
information.
4.2
Power-Up/Down Operation
The
device
protects
against
accidental
block
erasure or programming during power transitions.
Power supply sequencing is not required, so either
VPP or VCC can power-up first. The CUI defaults to
the read mode after power-up, but the system must
drop CE# low or present an address to receive valid
data at the outputs.
A system designer must guard against spurious
writes when VCC voltages are above VLKO and VPP
is active. Since both WE# and CE# must be low for
a command write, driving either signal to VIH will
inhibit writes to the device. Additionally, alteration of
memory can only occur after successful completion
of a two-step command sequences. The device is
also disabled until RP# is brought to VIH, regardless
of the state of its control inputs. By holding the
device
in
reset
(RP#
connected
to
system
PowerGood) during power-up/down, invalid bus
conditions
during
power-up
can
be
masked,
providing yet another level of memory protection.
4.2.1
RP# CONNECTED TO SYSTEM
RESET
Using
RP#
properly
during
system
reset
is
important with automated program/erase devices
because the system expects to read from the flash
memory when it comes out of reset. If a CPU reset
occurs without a flash memory reset, proper CPU
initialization would not occur because the flash
memory may in a mode other than Read Array.
Intel’s
Flash
memories
allow
proper
CPU
initialization following a system reset by connecting
the RP# pin to the same RESET# signal that resets
the system CPU.
4.3
Board Design
4.3.1
POWER SUPPLY DECOUPLING
Flash memory’s switching characteristics require
careful decoupling methods. System designers
should
consider
three
supply
current
issues:
standby current levels (ICCS), active current levels
(ICCR), and transient peaks produced by falling and
rising edges of CE#.
Transient current magnitudes depend on the device
outputs’ capacitive and inductive loading. Two-line
control and proper decoupling capacitor selection
will suppress these transient voltage peaks. Each
flash device should have a 0.1 µF ceramic
capacitor connected between VCC and GND, and
between VPP and GND. These high-frequency,
inherently low-inductance capacitors should be
placed as close as possible to the package leads.
4.3.2
VPP TRACE ON PRINTED CIRCUIT
BOARDS
In-system updates to the flash memory requires
special consideration of the VPP power supply trace
by the printed circuit board designer. Since the VPP
pin supplies the current for programming and
erasing, it should have similar trace widths and
layout considerations as given to the VCC power
supply trace. Adequate VPP supply traces, and
decoupling
capacitors
placed
adjacent
to
the
component, will decrease spikes and overshoots.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com