Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 24 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 24 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 20Page - Intel Corporation AB28F800B5T80 Datasheet HTML 21Page - Intel Corporation AB28F800B5T80 Datasheet HTML 22Page - Intel Corporation AB28F800B5T80 Datasheet HTML 23Page - Intel Corporation AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation AB28F800B5T80 Datasheet HTML 25Page - Intel Corporation AB28F800B5T80 Datasheet HTML 26Page - Intel Corporation AB28F800B5T80 Datasheet HTML 27Page - Intel Corporation AB28F800B5T80 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
24
PRELIMINARY
3.3
Boot Block Locking
The boot block family architecture features a
hardware-lockable boot block so that the kernel
code for the system can be kept secure while the
parameter and main blocks are programmed and
erased independently as necessary. Only the boot
block can be locked independently from the other
blocks.
3.3.1
VPP = VIL FOR COMPLETE
PROTECTION
For complete write protection of all blocks in the
device, the VPP voltage can be held low. When VPP
is below VPPLK, any program or erase operation will
result in a error in the status register.
3.3.2
WP# = VIL FOR BOOT BLOCK
LOCKING
When WP# = VIL, the boot block is locked and any
program or erase operation to the boot block will
result in an error in the status register. All other
blocks remain unlocked in this condition and can be
programmed or erased normally. Note that this
feature is overridden and the boot block unlocked
when RP# = VHH.
3.3.3
RP# = VHH OR WP# = VIH FOR BOOT
BLOCK UNLOCKING
Two methods can be used to unlock the boot block:
1.
WP# = VIH
2.
RP# = VHH
If both or either of these two conditions are met, the
boot
block
will
be
unlocked
and
can
be
programmed or erased.
The
Write Proctection Truth Table, Table 9, clearly
defines the write protection methods.
3.3.4
NOTE FOR 8-MBIT 44-PSOP
PACKAGE
The 8-Mbit in the 44-PSOP package does not have
a WP# because no other pins were available for the
8-Mbit upgrade address. Thus, in this density-
package combination only, VHH (12 V) on RP# is
required to unlock the boot block and unlocking with
a logic-level signal is not possible. If this unlocking
functionality is required, and 12 V is not available
in-system, please consider using the 48-TSOP
package, which has a WP# pin and can be
unlocked with a logic-level signal. All other density-
package combinations have WP# pins.
Table 9. Write Protection Truth Table
VPP
RP#
WP#
Write Protection
Provided
VIL
X
X
All Blocks Locked
≥ V
PPLK
VIL
X
All Blocks Locked
(Reset)
≥ V
PPLK
VHH
X
All Blocks Unlocked
≥ V
PPLK
VIH
VIL
Boot Block Locked
≥ V
PPLK
VIH
VIH
All Blocks Unlocked
4.0
DESIGN CONSIDERATIONS
The following section discusses recommended
design considerations which can improve the
robustness of system designs using flash memory.
4.1
Power Consumption
Intel flash components contain features designed to
reduce power requirements. The following sections
will detail how to take advantage of these features.
4.1.1
ACTIVE POWER
Asserting CE# to a logic-low level and RP# to a
logic-high level places the device in the active
mode. Refer to the
DC Characteristics table for ICCR
current values.
4.1.2
AUTOMATIC POWER SAVINGS (APS)
Automatic Power Savings (APS) provides low-
power operation in active mode. Power Reduction
Control (PRC) circuitry allows the device to put
itself into a low current state when not being
accessed. After data is read from the memory
array, PRC logic controls the device’s power
consumption by entering the APS mode where
typical ICC current is less than 1 mA. The device
stays in this static state with outputs valid until a
new location is read.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com