Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 20 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 20 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 16Page - Intel Corporation AB28F800B5T80 Datasheet HTML 17Page - Intel Corporation AB28F800B5T80 Datasheet HTML 18Page - Intel Corporation AB28F800B5T80 Datasheet HTML 19Page - Intel Corporation AB28F800B5T80 Datasheet HTML 20Page - Intel Corporation AB28F800B5T80 Datasheet HTML 21Page - Intel Corporation AB28F800B5T80 Datasheet HTML 22Page - Intel Corporation AB28F800B5T80 Datasheet HTML 23Page - Intel Corporation AB28F800B5T80 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
20
PRELIMINARY
Table 8. Status Register Bit Definition
WSMS
ESS
ES
DWS
VPPS
R
R
R
7654
3210
NOTES:
SR.7 WRITE STATE MACHINE STATUS
1 = Ready
(WSMS)
0 = Busy
Check WSM bit first to determine word/byte
program or block erase completion, before
checking program or erase status bits.
SR.6 = ERASE-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase In Progress/Completed
When Erase Suspend is issued, WSM halts
execution and sets both WSMS and ESS bits to
“1.” ESS bit remains set to “1” until an Erase
Resume command is issued.
SR.5 = ERASE STATUS (ES)
1 = Error In Block Erasure
0 = Successful Block Erase
When this bit is set to “1,” one of the following has
occurred:
1. VPP out of range.
2. WSM has applied the max number of erase
pulses to the block and is still unable to verify
successful block erasure.
3. Erase Set-Up command was followed by a
command other than Erase Confirm.
SR.4 = PROGRAM STATUS (DWS)
1 = Error in Byte/Word Program
0 = Successful Byte/Word Program
When this bit is set to “1,” one of the following has
occurred:
1. VPP out of range.
2. WSM has applied the max number of program
pulses and is still unable to verify a successful
program.
3. Erase Set-Up command was followed by a
command other than Erase Confirm.
SR.3 = VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPP status bit does not provide continuous
indication of VPP level. The WSM interrogates VPP
level only after the Program or Erase command
sequences have been entered, and informs the
system if VPP is out of range. The VPP status bit is
not guaranteed to report accurate feedback
between VPPLK and VPPH.
SR.2–SR.0 = RESERVED FOR FUTURE
ENHANCEMENTS (R)
These bits are reserved for future use and should
be masked out when polling the status register.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com