Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 16 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 16 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 12Page - Intel Corporation AB28F800B5T80 Datasheet HTML 13Page - Intel Corporation AB28F800B5T80 Datasheet HTML 14Page - Intel Corporation AB28F800B5T80 Datasheet HTML 15Page - Intel Corporation AB28F800B5T80 Datasheet HTML 16Page - Intel Corporation AB28F800B5T80 Datasheet HTML 17Page - Intel Corporation AB28F800B5T80 Datasheet HTML 18Page - Intel Corporation AB28F800B5T80 Datasheet HTML 19Page - Intel Corporation AB28F800B5T80 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
16
PRELIMINARY
3.2
Modes of Operation
The flash memory has three read modes and two
write modes. The read modes are read array, read
identifier, and read status. The write modes are
program and block erase. An additional mode,
erase suspend to read, is available only during
block erasures. These modes are reached using
the
commands
summarized
in
Table 6.
A
comprehensive chart showing the state transitions
is in Appendix A.
3.2.1
READ ARRAY
After initial device power-up or return from deep
power-down mode, the device defaults to read
array mode. This mode can also be entered by
writing the Read Array command (FFH). The device
remains in this mode until another command is
written.
Data is read by presenting the address of the read
location in conjunction with a read bus operation.
Once the WSM has started a program or block
erase operation, the device will not recognize the
Read Array command until the WSM completes its
operation unless the WSM is suspended via an
Erase
Suspend
command.
The
Read
Array
command functions independently of the VPP
voltage and RP# can be VIH or VHH.
During system design, consideration should be
taken to ensure address and control inputs meet
required input slew rates of <10 ns as defined in
Figures 11 and 12.
Table 5. Intelligent Identifier Codes
Product
Mfr. ID
Device ID
-T
Top Boot
-B
Bottom Boot
28F004
89H
78H
79H
28F200
0089 H
2274 H
2275 H
28F400
0089 H
4470 H
4471 H
28F800
0089 H
889C H
889D H
NOTE:
In byte-mode, the upper byte will be tri-stated.
3.2.2
READ IDENTIFIER
To read the manufacturer and device codes, the
device must be in intelligent identifier read mode,
which can be reached using two methods: by
writing the intelligent identifier command (90H) or
by taking the A9 pin to VID. Once in intelligent
identifier
read
mode,
A0
=
0
outputs
the
manufacturer’s identification code and A0 = 1
outputs the device code. In byte-wide mode, only
the lower byte of the above signatures is read
(DQ15/A–1 is a “don’t care” in this mode). See
Table 5 for product signatures. To return to read
array mode, write a Read Array command (FFH).
3.2.3
READ STATUS REGISTER
The status register indicates when a program or
erase operation is complete, and the success or
failure of that operation. The status register is
output when the device is read in read status
register mode, which can be entered by issuing the
Read Status (70H) command to the CUI. This mode
is automatically entered when a program or erase
operation is initiated, and the device remains in this
mode after the operation has completed. Status
register bit codes are defined in Table 8.
The status register bits are output on DQ0–DQ7, in
both byte-wide (x8) or word-wide (x16) mode. In the
word-wide mode, the upper byte, DQ8–DQ15,
outputs 00H during a Read Status command. In the
byte-wide mode, DQ8–DQ14 are tri-stated and
DQ15/A–1 retains the low order address function.
Note that the contents of the status register are
latched on the falling edge of OE# or CE#,
whichever occurs last in the read cycle. This
prevents possible bus errors which might occur if
status register contents change while being read.
CE# or OE# must be toggled with each subsequent
status read, or the status register will not indicate
completion of a program or erase operation.
Issue a Read Array (FFH) command to return to
read array.
3.2.3.1
Clearing the Status Register
Status register bits SR.5, SR.4, and SR.3 are set to
“1”s when appropriate by the WSM but can only be
reset by the Clear Status Register command.
These bits indicate various failure conditions (see
Table 8). By requiring system software to reset


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com