Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB28F800B5T80 Datasheet(PDF) 10 Page - Intel Corporation

Part # AB28F800B5T80
Description  5 VOLT BOOT BLOCK FLASH MEMORY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AB28F800B5T80 Datasheet(HTML) 10 Page - Intel Corporation

Back Button AB28F800B5T80 Datasheet HTML 6Page - Intel Corporation AB28F800B5T80 Datasheet HTML 7Page - Intel Corporation AB28F800B5T80 Datasheet HTML 8Page - Intel Corporation AB28F800B5T80 Datasheet HTML 9Page - Intel Corporation AB28F800B5T80 Datasheet HTML 10Page - Intel Corporation AB28F800B5T80 Datasheet HTML 11Page - Intel Corporation AB28F800B5T80 Datasheet HTML 12Page - Intel Corporation AB28F800B5T80 Datasheet HTML 13Page - Intel Corporation AB28F800B5T80 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
28F200B5, 28F004/400B5, 28F800B5
E
10
PRELIMINARY
28F004B5
Boot Block
40-Lead TSOP
10 mm x20mm
TOP VIEW
32
31
30
29
28
27
26
25
24
23
22
21
33
34
35
36
37
38
39
40
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
A 1
A 2
A 3
RP#
WE#
VPP
A16
A15
A7
A6
A5
A4
A14
A13
A8
A9
A11
A12
WP#
DQ7
CE#
OE#
GND
A0
DQ6
DQ5
DQ4
DQ2
DQ1
DQ0
VCC
DQ3
A17
GND
NC
A10
NC
NC
A18
VCC
Figure 3. 40-Lead TSOP Pinout Diagram (Available in 4-Mbit Only)
2.3
Memory Blocking Organization
The
boot
block
product
family
features
an
asymmetrically-blocked
architecture
providing
system memory integration. Each erase block can
be erased independently of the others up to
100,000 times for commercial temperature or up to
10,000
times
for
extended
temperature.
At
automotive temperature, each parameter block can
be erased independently 30,000 times, and each
main and boot block 1,000 times. The block sizes
have been chosen to optimize their functionality for
common applications of nonvolatile storage. The
combination of block sizes in the boot block
architecture
allow
the
integration
of
several
memories into a single chip. For the address
locations of the blocks, see the memory maps in
Figures 4, 5, 6 and 7.
2.3.1
ONE 16-KB BOOT BLOCK
The boot block is intended to replace a dedicated
boot PROM in a microprocessor or microcontroller-
based system. The 16-Kbyte (16,384 bytes) boot
block is located at either the top (denoted by -T
suffix) or the bottom (-B suffix) of the address map
to accommodate different microprocessor protocols
for boot code location. This boot block features
hardware controllable write-protection to protect the
crucial microprocessor boot code from accidental
modification. The protection of the boot block is
controlled using a combination of the VPP, RP#, and
WP# pins, as is detailed in Section 3.3.
2.3.2
TWO 8-KB PARAMETER BLOCKS
Each boot block component contains two parameter
blocks of 8 Kbytes (8,192 bytes) each to facilitate
storage of frequently updated small parameters that
would normally require an EEPROM. By using
software techniques, the byte-rewrite functionality
of EEPROMs can be emulated. These techniques
are detailed in Intel’s application note,
AP-604
Using Intel’s Boot Block Flash Memory Parameter
Blocks to Replace EEPROM. The parameter blocks
are not write-protectable.
2.3.3
MAIN BLOCKS - ONE 96-KB +
ADDITIONAL 128-KB BLOCKS
After the allocation of address space to the boot
and parameter blocks, the remainder is divided into
main blocks for data or code storage. Each device
contains one 96-Kbyte (98,304 byte) block and
additional 128-Kbyte (131,072 byte) blocks. The
2-Mbit has one 128-KB block; the 4-Mbit, three; and
the 8-Mbit, seven.


Similar Part No. - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AB28F200BR-T80 INTEL-AB28F200BR-T80 Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-B90 INTEL-AB28F200BX-B90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F200BX-T90 INTEL-AB28F200BX-T90 Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-B90 INTEL-AB28F400BX-B90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
AB28F400BX-T90 INTEL-AB28F400BX-T90 Datasheet
461Kb / 34P
   4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - AB28F800B5T80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29F800FT5AN6E2 NUMONYX-M29F800FT5AN6E2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
M29F160FB55N3F2 NUMONYX-M29F160FB55N3F2 Datasheet
1Mb / 67P
   Top / Bottom Boot Block 5 V Supply Flash Memory
logo
Intel Corporation
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
   Advanced Boot Block Flash Memory (C3)
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com