![]() |
Electronic Components Datasheet Search |
|
AB28F800B5T80 Datasheet(PDF) 8 Page - Intel Corporation |
|
|
AB28F800B5T80 Datasheet(HTML) 8 Page - Intel Corporation |
8 / 44 page ![]() 28F200B5, 28F004/400B5, 28F800B5 E 8 PRELIMINARY Table 2. Pin Descriptions (Continued) Symbol Type Name and Function WP# INPUT WRITE PROTECT: Provides a method for unlocking the boot block with a logic level signal in a system without a 12 V supply. When WP# is at logic low, the boot block is locked, preventing program and erase operations to the boot block. If a program or erase operation is attempted on the boot block when WP# is low, the corresponding status bit (bit 4 for program, bit 5 for erase) will be set in the status register to indicate the operation failed. When WP# is at logic high, the boot block is unlocked and can be programmed or erased. NOTE: This feature is overridden and the boot block unlocked when RP# is at VHH. This pin can not be left floating. Because the 8-Mbit 44-PSOP package does not have enough pins, it does not include this pin and thus 12 V on RP# is required to unlock the boot block. See Section 3.3 for details on write protection. BYTE# INPUT BYTE# ENABLE: Configures whether the device operates in byte-wide mode (x8) or word-wide mode (x16). This pin must be set at power-up or return from deep power-down and not changed during device operation. BYTE# pin must be controlled at CMOS levels to meet the CMOS current specification in standby mode. When BYTE# is at logic low, the byte-wide mode is enabled, where data is read and programmed on DQ0–DQ7 and DQ15/A–1 becomes the lowest order address that decodes between the upper and lower byte. DQ8–DQ14 are tri-stated during the byte-wide mode. When BYTE# is at logic high, the word-wide mode is enabled, where data is read and programmed on DQ0–DQ15. Not applicable to 28F004B5. VCC DEVICE POWER SUPPLY: 5.0 V ± 10% VPP PROGRAM/ERASE POWER SUPPLY: For erasing memory array blocks or programming data in each block, a voltage either of 5 V ± 10% or 12 V ± 5% must be applied to this pin. When VPP < VPPLK all blocks are locked and protected against Program and Erase commands. GND GROUND: For all internal circuitry. NC NO CONNECT: Pin may be driven or left floating. 2.2 Pinouts Intel® 5 Volt Boot Block Flash architecture provides upgrade paths in each package pinout up to the 8-Mbit density. The 44-lead PSOP pinout follows the industry-standard ROM/EPROM pinout, as shown in Figure 1. Designs with space concerns should consider the 48-lead pinout shown in Figure 2. Applications using an 8-bit bus can use the 40-lead TSOP, which is available for the 4-Mbit device only. Pinouts for the corresponding 2-, 4-, and 8-Mbit components are provided on the same diagram for convenient reference. 2-Mbit pinouts are given on the chip illustration in the center, with 4-Mbit and 8-Mbit pinouts going outward from the center. |
Similar Part No. - AB28F800B5T80 |
|
Similar Description - AB28F800B5T80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |