Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # RC1585M
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button RC1585M Datasheet HTML 4Page - Fairchild Semiconductor RC1585M Datasheet HTML 5Page - Fairchild Semiconductor RC1585M Datasheet HTML 6Page - Fairchild Semiconductor RC1585M Datasheet HTML 7Page - Fairchild Semiconductor RC1585M Datasheet HTML 8Page - Fairchild Semiconductor RC1585M Datasheet HTML 9Page - Fairchild Semiconductor RC1585M Datasheet HTML 10Page - Fairchild Semiconductor RC1585M Datasheet HTML 11Page - Fairchild Semiconductor RC1585M Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
RC1585
11
Mechanical Dimensions (continued)
3-Lead TO-220 Package
Inches
Millimeters
Symbol
Min.
Max.
Min.
Max.
A
.140
.190
3.56
4.83
b
.015
.040
.38
1.02
b1
.045
.070
1.14
1.78
c1
.014
.022
.36
.56
∅P
.139
.161
3.53
4.09
D
.560
.650
14.22
16.51
E
.380
.420
9.65
10.67
e
.090
.110
2.29
2.79
e1
.190
.210
4.83
5.33
e3
.045
-
1.14
-
F
.020
.055
.51
1.40
H1
.230
.270
5.94
6.87
J1
.060
.115
2.04
2.92
L
.500
.580
12.70
14.73
L1
.250 BSC
6.35 BSC
Q
1.00
1.35
2.54
3.43
α
3
°
7
°
3
°
7
°
Notes:
1. Dimension c1 apply for lead finish.
A
F
D
J1
c1
α (5X)
E
H1
Q
E-PIN
∅P
L1
L
e3
b1
e
e1
b


Similar Part No. - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com