Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RC1585M
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RC1585M Datasheet HTML 1Page - Fairchild Semiconductor RC1585M Datasheet HTML 2Page - Fairchild Semiconductor RC1585M Datasheet HTML 3Page - Fairchild Semiconductor RC1585M Datasheet HTML 4Page - Fairchild Semiconductor RC1585M Datasheet HTML 5Page - Fairchild Semiconductor RC1585M Datasheet HTML 6Page - Fairchild Semiconductor RC1585M Datasheet HTML 7Page - Fairchild Semiconductor RC1585M Datasheet HTML 8Page - Fairchild Semiconductor RC1585M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Pentium is a registered trademark of Intel Corporation
Rev.
1.0.2
www.fairchildsemi.com
RC1585
5A Adjustable/Fixed Low Dropout Linear Regulator
Features
• Fast transient response
• Low dropout voltage at up to 5A
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard TO-220 and TO-263 packages
Applications
• Pentium® Pro and Pentium II GTL+ bus supply
• Low voltage logic supply
• Battery-powered circuitry
• Post regulator for switching supply
Typical Applications
Description
The RC1585 and RC1585-1.5 are low dropout three-terminal
regulators with 5A output current capability. These devices have been
optimized for low voltage applications including VTT bus termination,
where transient response and minimum input voltage are critical. The
RC1585 is ideal for low voltage microprocessor applications requiring
a regulated output from 1.5V to 3.6V with an input supply of 5V or
less. The RC1585-1.5 offers fixed 1.5V with 5A current capabilities
for GTL+ bus VTT termination.
Current limit is trimmed to ensure specified output current and
controlled short-circuit current. On-chip thermal limiting provides
protection against any combination of overload and ambient
temperature that would create excessive junction temperatures.
The RC1585 series regulators are available in the industry-standard
TO-220 and TO-263 power packages.
1.5V at 5A
RC1585
VIN
VOUT
ADJ
+
+
+
22
µF
VIN = 3.3V
10
µF
+
+
+
22
µF
VIN = 3.3V
10
µF
1.5V at 5A
RC1585-1.5
VIN
VOUT
GND
+
+
VIN = 3.3V
10
µF
22
µF
124
24.9


Similar Part No. - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com