Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585M Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # RC1585M
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585M Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button RC1585M Datasheet HTML 4Page - Fairchild Semiconductor RC1585M Datasheet HTML 5Page - Fairchild Semiconductor RC1585M Datasheet HTML 6Page - Fairchild Semiconductor RC1585M Datasheet HTML 7Page - Fairchild Semiconductor RC1585M Datasheet HTML 8Page - Fairchild Semiconductor RC1585M Datasheet HTML 9Page - Fairchild Semiconductor RC1585M Datasheet HTML 10Page - Fairchild Semiconductor RC1585M Datasheet HTML 11Page - Fairchild Semiconductor RC1585M Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RC1585
PRODUCT
SPECIFICATION
8
Assumptions:
Vin = 3.6V worst case
VOUT = 1.46V worst case
IOUT = 5A continuous
TA = 60°C
Θ
Case-to-Ambient = 5°C/W (assuming both a heatsink
and a thermally conductive material)
The power dissipation in this application is:
PD = (VIN - VOUT) * (IOUT) = (3.6-1.46) * (5) = 10.7W
From the specification table, for the power section:
TJ = TA + (PD) * (ΘCase-to-Ambient + ΘJC)
= 60 + (10.7) * (5 + 3) = 146
°C
For the control section:
TJ = TA + (PD) * (ΘCase-to-Ambient + ΘJC) =
60 + (10.7) * (5 + 0.7) = 121
°C
In each case, the junction temperature is below the
maximum rating.
Table 1. Bill of Materials for Application Circuit for the RC1585
Item
Quantity
Manufacturer
Part Number
Description
C1
1
Xicon
L10V10
10
µF, 10V Aluminum
C2, C3
2
Xicon
L10V100
100
µF, 10V Aluminum
R1
1
Generic
124
Ω, 1%
R2
1
Generic
24.9
Ω, 1%
U1
1
Fairchild
RC1585T
5A Regulator
Figure 14. Application Circuit (RC1585)
R2
24.9
R1
124
C1
10
µF
C2
100
µF
VOUT
1.5V
U1
RC1585
VIN
VOUT
ADJ
+
+
+
C3
100
µF
VIN = 3.3V
+
+
VIN = 3.3V
+
+
Junction-to-case thermal resistance is specified
from the IC junction to the bottom of the case
directly below the die. This is the lowest resistance
path for heat flow. Proper mounting ensures the
best thermal flow from this area of the package to
the heat sink. Use of a thermally conductive
material at the case-to-heat sink interface is
recommended. Use a thermally conductive spacer
if the case of the device must be electrically
isolated and include its contribution to the total
thermal resistance. The cases of the RC1585 series
are directly connected to the output of the device.


Similar Part No. - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com