Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RC1585M
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button RC1585M Datasheet HTML 3Page - Fairchild Semiconductor RC1585M Datasheet HTML 4Page - Fairchild Semiconductor RC1585M Datasheet HTML 5Page - Fairchild Semiconductor RC1585M Datasheet HTML 6Page - Fairchild Semiconductor RC1585M Datasheet HTML 7Page - Fairchild Semiconductor RC1585M Datasheet HTML 8Page - Fairchild Semiconductor RC1585M Datasheet HTML 9Page - Fairchild Semiconductor RC1585M Datasheet HTML 10Page - Fairchild Semiconductor RC1585M Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
RC1585
7
Thermal Considerations
The RC1585 series protect themselves under overload
conditions with internal power and thermal limiting
circuitry. However, for normal continuous load
conditions, do not exceed maximum junction
temperature ratings. It is important to consider all
sources of thermal resistance from junction-to-
ambient. These sources include the junction-to-case
resistance, the case-to-heat sink interface resistance,
and the heat sink resistance. Thermal resistance
specifications have been developed to more accurately
reflect device temperature and ensure safe operating
temperatures. The electrical characteristics section
provides a separate thermal resistance and maximum
junction temperature for both the control circuitry and
the power transistor. Calculate the maximum junction
temperature for both sections to ensure that both
thermal limits are met.
For example, look at using an RC1585T to generate
5A @ 1.5V
± 2% from a 3.3V source (3.2V to 3.6V).
Load Regulation
It is not possible to provide true remote load sensing
because the RC1585 series are three-terminal devices.
Load regulation is limited by the resistance of the wire
connecting the regulators to the load. Load regulation
per the data sheet specification is measured at the
bottom of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device
returned to the negative side of the load. This is
illustrated in Figure 12.
For adjustable voltage devices, negative side sensing is
a true Kelvin connection with the bottom of the output
divider returned to the negative side of the load. The
best load regulation is obtained when the top of the
resistor divider R1 connects directly to the regulator
output and not to the load. Figure 13 illustrates this
point.
If R1 connects to the load, then the effective resistance
between the regulator and the load would be:
RP × (1 + R2/R1), RP = Parasitic Line Resistance
∫∫
∫∫
∫∫
Figure 13. Connection for Best Load Regulation
RP
Parasitic
Line Resistance
VIN
R2*
R1*
RL
RC1585
IN
OUT
ADJ
*Connect R1 to case
Connect R2 to load
VOUT = VREF (1 + R2/R1) + IADJ (R2)
VREF
IADJ
35
µA
C2
22
µF
R2
R1
C1
10
µF
RC1585
IN
OUT
ADJ
VOUT
+
+
VIN
Figure 11. Basic Regulator Circuit
RL
VIN
Figure 12. Connection for Best Load Regulation
∫∫
∫∫
∫∫
RC1585 -1.5
IN
OUT
GND
RP
Parasitic
Line Resistance
The connection shown in Figure 13 does not
multiply RP by the divider ratio. As an example, RP
is about four milliohms per foot with 16-gauge wire.
This translates to 4mV per foot at 1A load current.
At higher load currents, this drop represents a
significant percentage of the overall regulation. It is
important to keep the positive lead between the
regulator and the load as short as possible and to use
large wire or PC board traces.
The current out of the adjust pin adds to the current
from R1 and is typically 35
µA. Its output voltage
contribution is small and only needs consideration
when a very precise output voltage setting is
required.


Similar Part No. - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com